Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6081IGN-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6081IGN-TRPBF
Description  Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6081IGN-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6081IGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC6081IGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC6081IGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC6081IGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC6081IGN-TRPBF Datasheet HTML 9Page - Linear Technology LTC6081IGN-TRPBF Datasheet HTML 10Page - Linear Technology LTC6081IGN-TRPBF Datasheet HTML 11Page - Linear Technology LTC6081IGN-TRPBF Datasheet HTML 12Page - Linear Technology LTC6081IGN-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC6081/LTC6082
9
60812f
FREQUENCY (Hz)
60
–20
–40
40
20
0
180
–270
–180
–90
90
–450
–360
0
1M
100M
60812 G25
10M
1k
100k
10k
VS = 5V
VCM = 0.5V
TA = 25°C
CL = 200pF
PHASE
GAIN
RL = 10k
RL = 100k
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
60812 G27
120
100
80
60
40
0
–20
20
VS = 5V
VCM = 0.5V
TA = 25°C
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
60812 G26
120
100
80
60
40
0
–20
20
VS = 5V
VCM = 0.5V
TA = 25°C
RL = 1k
FREQUENCY (Hz)
60
–20
–40
40
20
0
270
–270
–180
180
–90
90
–360
0
1M
100M
60812 G24
10M
1k
100k
10k
VS = 5V
VCM = 0.5V
TA = 25°C
PHASE
GAIN
RL = 10k
RL = 100k
OUTPUT VOLTAGE (V)
0
2.5
3.0
1.5
2.0
0.5
1.0
60812 G22
20
10
–40
–30
–20
–10
0
VS = 3V
TA = 25°C
RL = 100k
RL = 10k
RL = 2k
TIME (
μs)
0
500
60812 G20
300
200
100
400
1600
1200
800
400
0
4
3
2
1
0
TA = 25°C
NO BYPASS CAPACITOR
SUPPLY VOLTAGE
SUPPLY CURRENT
TEMPERATURE (
°C)
–40
110 125
60812 G19
–10
20
50 65 80 95
–25
5
35
390
370
350
330
290
310
270
250
VCM = 0.5V
PER AMPLIFIER
VS = 3V
VS = 5V
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Supply Current vs Time
Output Impedance vs Frequency
Open Loop Gain
Open Loop Gain
Open Loop Gain vs Frequency
Open Loop Gain vs Frequency
CMRR vs Frequency
PSRR vs Frequency
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
60812 G21
1000
100
10
1
0.1
0.01
VS = 3V
VCM = 0.5V
TA = 25°C
AV = 100
AV = 10
AV = 1
OUTPUT VOLTAGE (V)
0
4.5 5.0
3.5 4.0
2.5 3.0
1.5 2.0
0.5 1.0
60812 G23
20
10
–40
–30
–20
–10
0
VS = 5V
TA = 25°C
RL = 100k
RL = 10k
RL = 2k


Similar Part No. - LTC6081IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6081 LINER-LTC6081 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6081 LINER-LTC6081 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results

Similar Description - LTC6081IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com