Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6081IMS8-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6081IMS8-TRPBF
Description  Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6081IMS8-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6081IMS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC6081IMS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC6081IMS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC6081IMS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC6081IMS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC6081IMS8-TRPBF Datasheet HTML 11Page - Linear Technology LTC6081IMS8-TRPBF Datasheet HTML 12Page - Linear Technology LTC6081IMS8-TRPBF Datasheet HTML 13Page - Linear Technology LTC6081IMS8-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC6081/LTC6082
10
60812f
PIN FUNCTIONS
OUT: Amplifier Output
–IN: Inverting Input
+IN: Noninverting Input
V+:
Positive Supply
V:
Negative Supply
⎯S⎯H⎯D⎯N⎯_⎯A: Shutdown Pin of Amplifier A, active low and only
valid for LTC6081DD. An internal current source pulls the
pin to V+ when floating.
⎯S⎯H⎯D⎯N⎯_⎯B: Shutdown Pin of Amplifier B, active low and only
valid for LTC6081DD. An internal current source pulls the
pin to V+ when floating.
NC: Not internally connected.
Exposed Pad: Connected to V.
TYPICAL PERFORMANCE CHARACTERISTICS
Channel Separation vs Frequency
Output Voltage Swing vs
Load Current
Distortion vs Frequency
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
60812 G28
0
–100
–80
–60
–40
–140
–120
–20
VS = 3V
VCM = 0.5V
RL = 10k
LOAD CURRENT (mA)
+VS
+VS –0.5
+VS –1.5
+VS –1.0
+VS –2.0
–VS 2.0
–VS 1.5
–VS 1.0
–VS 0.5
–VS 0
0.01
1
10
100
60789 G29
0.1
VS = 3V
VCM = 0.5V
SOURCE
SINK
TA = 125°C
TA = 25°C
TA = –55°C
FREQUENCY (kHz)
1
–20
–40
–50
–60
–70
–30
–80
–90
–100
1000
60812 G30
10
100
VS = 5V
AV = 1
RL = 10k
VOUT = 2VP-P
2ND
3RD


Similar Part No. - LTC6081IMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6081 LINER-LTC6081 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6081 LINER-LTC6081 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results

Similar Description - LTC6081IMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com