Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6240CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6240CS8
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6240CS8 Datasheet HTML 7Page - Linear Technology LTC6240CS8 Datasheet HTML 8Page - Linear Technology LTC6240CS8 Datasheet HTML 9Page - Linear Technology LTC6240CS8 Datasheet HTML 10Page - Linear Technology LTC6240CS8 Datasheet HTML 11Page - Linear Technology LTC6240CS8 Datasheet HTML 12Page - Linear Technology LTC6240CS8 Datasheet HTML 13Page - Linear Technology LTC6240CS8 Datasheet HTML 14Page - Linear Technology LTC6240CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC6240/LTC6241/LTC6242
11
624012fc
ELECTRICAL CHARACTERISTICS (LTC6240HVH/LTC6241HVH/LTC6242HVH) The denotes the specifications
which apply from –40°C to 125°C, otherwise specifications are at TA = 25°C. VS = ±5V, VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Output Voltage Swing Low (Note 9)
No Load
ISINK = 1mA
ISINK = 10mA
30
85
600
mV
mV
mV
VOH
Output Voltage Swing High (Note 9)
No Load
ISOURCE = 1mA
ISOURCE = 10mA
30
85
600
mV
mV
mV
PSRR
Power Supply Rejection
VS = 2.8V to 11V, VCM = 0.2V
83
dB
PSRR Match
Channel-to-Channel (Note 5)
82
dB
Minimum Supply Voltage (Note 10)
2.8
V
ISC
Short-Circuit Current
15
mA
IS
Supply Current per Amplifier
LTC6241, LTC6242
2.5
3.2
3.7
mA
mA
LTC6240
2.7
3.3
3.8
mA
mA
GBW
Gain Bandwidth Product
Frequency = 20kHz, RL = 1kΩ
12
MHz
SR
Slew Rate (Note 11)
AV = –2, RL = 1kΩ
5
V/µs
FPBW
Full Power Bandwidth (Note 12)
VOUT = 3VP-P, RL = 1kΩ
0.53
MHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 3: The LTC6240C/LTC6240HVC/LTC6241C/LTC6241HVC, LTC6242C/
LTC6242HVC are guaranteed to meet specified performance from 0°C to
70°C. They are designed, characterized and expected to meet specified
performance from –40°C to 85°C, but are not tested or QA sampled at
these temperatures. The LTC6240I/LTC6240HVI, LTC6241I/LTC6241HVI,
LTC6242I/LTC6242HVI are guaranteed to meet specified performance
from –40°C to 85°C. All versions of the LTC6240H/LTC6241H/LTC6242H
are guaranteed to meet specified performance
from –40°C to 125°C.
Note 4: ESD (Electrostatic Discharge) sensitive device. ESD protection
devices are used extensively internal to the LTC6240/LTC6241/LTC6242;
however, high electrostatic discharge can damage or degrade the device.
Use proper ESD handling precautions.
Note 5: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LTC6242; between the two amplifiers
of the LTC6241. CMRR and PSRR match are defined as follows: CMRR
and PSRR are measured in µV/V on the matched amplifiers. The difference
is calculated between the matching sides in µV/V. The result is converted
to dB.
Note 6: This parameter is not 100% tested.
Note 7: Bias current at TA = 25°C is 100% tested and guaranteed for the
LTC6240 in the S8 package. The LTC6240S5, LTC6241 and LTC6242 are
expected to achieve the same performance as the LTC6240S8. All parts are
guaranteed to meet specifications over temperature.
Note 8: Current noise is calculated from the formula: in = (2qIB)
1/2
where q = 1.6 × 10–19 coulomb. The noise of source resistors up to
50GΩ dominates the contribution of current noise. See also Typical
Characteristics curve Noise Current vs Frequency.
Note 9: Output voltage swings are measured between the output and
power supply rails.
Note 10: Minimum supply voltage is guaranteed by the power supply
rejection ratio test.
Note 11: Slew rate is measured in a gain of –2 with RF = 1k and RG =
500Ω. On the LTC6240/LTC6241/LTC6242, VS = ±2.5V, VIN is ±1V and
VOUT slew rate is measured between –1V and +1V. On the LTC6240HV/
LTC6241HV/LTC6242HV, VIN is ±2V and VOUT slew rate is measured
between –2V and +2V.
Note 12: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/πVP-P.


Similar Part No. - LTC6240CS8

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results

Similar Description - LTC6240CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com