Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6088CGN-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6088CGN-TRPBF
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6088CGN-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6088CGN-TRPBF Datasheet HTML 4Page - Linear Technology LTC6088CGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC6088CGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC6088CGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC6088CGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC6088CGN-TRPBF Datasheet HTML 9Page - Linear Technology LTC6088CGN-TRPBF Datasheet HTML 10Page - Linear Technology LTC6088CGN-TRPBF Datasheet HTML 11Page - Linear Technology LTC6088CGN-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6087/LTC6088
8
60878fb
TYPICAL PERFORMANCE CHARACTERISTICS
Overshoot vs Capacitive Load
Channel Separation vs Frequency
Total Harmonic Distortion + Noise
vs Load Resistance
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Output Voltage
Disabled Output Impedance
vs Frequency
Overshoot vs Capacitive Load
Total Harmonic Distortion + Noise
vs Frequency
FREQUENCY (Hz)
10
100
1000
100000
1000000
100
10k
100k
10M
60878 G20
1
1k
1M
10000
0.1
VS = 5V
VCM = 1V
AV = 1
TA = 25°C
CAPACITIVE LOAD (pF)
10
0
50
40
30
20
10
60
80
100
1000
60878 G21
70
VS = 5V
VCM = 2.5V
AV = 1
RS
CL
RS = 10Ω
RS = 50Ω
CAPACITIVE LOAD (pF)
10
0
25
20
15
10
5
30
40
100
1000
60878 G22
35
VS = 5V
VCM = 2.5V
AV = –1
RS = 10Ω
RS = 50Ω
RS
1k
1k
30pF
CL
FREQUENCY (MHz)
–120
–110
–105
–95
–90
0.01
1
10
100
60878 G23
–130
0.1
–100
–115
–125
VS = 5V
VCM = 2.5V
TA = 25°C
FREQUENCY (kHz)
0.01
0.1
0.01
1
10
100
60878 G24
0.001
0.1
1
AV = 1, VIN = 1VP-P
AV = –2, VIN = 1VP-P
AV = 1, VIN = 2VP-P
AV = 2, VIN = 1VP-P
VS = 3V
VCM = 1.5V
RL = 10k
FREQUENCY (kHz)
0.01
0.001
0.01
0.1
1
0.1
10
100
60878 G25
AV = 1, VIN = 1VP-P
AV = –2, VIN = 1VP-P
AV = 1, VIN = 2VP-P
AV = 2, VIN = 1VP-P
VS = 5V
VCM = 2.5V
RL = 10k
OUTPUT VOLTAGE (VP-P)
0
0.5
1
2
2.5
3
4
4.5
0.0001
0.01
0.1
1.5
3.5
5
60878 G26
0.001
VS = 3V
AT 20kHz
VS = 5V
AT 20kHz
VS = 5V
AT 1kHz
VS = 3V
AT 1kHz
RL = 10k
VCM = VS/2
AV = 1
LOAD RESISTANCE TO GROUND (kΩ)
0.1
0.0001
0.001
0.01
0.1
1
10
100
60878 G27
VS = 3V, VIN = 1VP-P
AV = 1
VCM = VS/2 AT 1kHz
VS = 5V, VIN = 2VP-P


Similar Part No. - LTC6088CGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6088CGN LINEAR-LTC6088CGN Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6088CGN LINEAR-LTC6088CGN Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results

Similar Description - LTC6088CGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com