Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6088HGN-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6088HGN-TRPBF
Description  Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6088HGN-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6088HGN-TRPBF Datasheet HTML 1Page - Linear Technology LTC6088HGN-TRPBF Datasheet HTML 2Page - Linear Technology LTC6088HGN-TRPBF Datasheet HTML 3Page - Linear Technology LTC6088HGN-TRPBF Datasheet HTML 4Page - Linear Technology LTC6088HGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC6088HGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC6088HGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC6088HGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC6088HGN-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6087/LTC6088
2
60878fb
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) ...................................6V
Input Voltage...................................................... Vto V+
Input Current.......................................................
±10mA
SHDNA/SHDNB Voltage ..................................... Vto V+
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)
LTC6087C/LTC6088C ........................... –40°C to 85°C
LTC6087H/LTC6088H......................... –40°C to 125°C
(Note 1)
1
2
3
4
OUTA
–INA
+INA
V
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 200°C/W
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
V+
OUTB
–INB
+INB
SHDNB
OUTA
–INA
+INA
V–
SHDNA
A
B
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS V, MUST BE SOLDERED TO PCB
GN PACKAGE
16-LEAD PLASTIC SSOP NARROW
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
OUTD
–IND
+IND
V
+INC
–INC
OUTC
NC
+
+
A
BC
D
TJMAX = 150°C, θJA = 110°C/W
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
OUTD
–IND
+IND
V
+INC
–INC
OUTC
NC
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
TOP VIEW
DHC PACKAGE
16-LEAD (5mm × 3mm) PLASTIC DFN
+
+
A
BC
D
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO PCB
Specified Temperature Range (Note 4)
LTC6087C/LTC6088C ............................... 0°C to 70°C
LTC6087H/LTC6088H......................... –40°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS8, GN16 Only ............................................... 300°C
PIN CONFIGURATION


Similar Part No. - LTC6088HGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6088HGN LINEAR-LTC6088HGN Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6088HGN LINEAR-LTC6088HGN Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
More results

Similar Description - LTC6088HGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com