Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6403CUD-1-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6403CUD-1-TRPBF
Description  200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6403CUD-1-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6403CUD-1-TRPBF Datasheet HTML 1Page - Linear Technology LTC6403CUD-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC6403CUD-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC6403CUD-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC6403CUD-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC6403CUD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC6403CUD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC6403CUD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC6403CUD-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC6403-1
2
64031f
LTC6403-1 DC ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) ................................5.5V
Input Voltage
(+IN, –IN, VOCM, ⎯S⎯H⎯D⎯N) (Note 2)................... V+ to V
Input Current
(+IN, –IN, VOCM, ⎯S⎯H⎯D⎯N) (Note 2).....................±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range
(Note 4) ............................................... –40°C to 85°C
Specified Temperature Range
(Note 5) ............................................... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
The
denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C, V+ = 3V, V= 0V, VCM = VOCM = VICM = Mid-
Supply, V⎯S⎯H⎯D⎯N = OPEN, RI = 402Ω, RF = 402Ω, RL = OPEN, RBAL = 100k (See Figure 1) unless otherwise noted. VS is defined as
(V+ – V). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT). VINDIFF is
defined as (VINP – VINM).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF
Differential Offset Voltage (Input Referred)
VS = 2.7V
VS = 3V
VS = 5V
±0.4
±0.4
±0.4
±1.5
±1.5
±2
mV
mV
mV
ΔVOSDIFF/ΔT Differential Offset Voltage Drift (Input Referred)
VS = 2.7V
VS = 3V
VS = 5V
1
1
1
μV/°C
μV/°C
μV/°C
PIN CONFIGURATION
16
17
15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SHDN
V+
V
VOCM
V
V+
V+
V
TJMAX = 150°C, θJA = 160°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6403CUD-1#PBF
LTC6403IUD-1#PBF
LTC6403CUD-1#TRPBF
LTC6403IUD-1#TRPBF
LDBM
LDBM
16-Lead (3mm
× 3mm) Plastic QFN
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/


Similar Part No. - LTC6403CUD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6403CUD-1#PBF AD-LTC6403CUD-1#PBF Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
More results

Similar Description - LTC6403CUD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Linear Technology
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com