Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1773 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1773
Description  Synchronous Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1773 Datasheet(HTML) 1 Page - Linear Technology

  LTC1773 Datasheet HTML 1Page - Linear Technology LTC1773 Datasheet HTML 2Page - Linear Technology LTC1773 Datasheet HTML 3Page - Linear Technology LTC1773 Datasheet HTML 4Page - Linear Technology LTC1773 Datasheet HTML 5Page - Linear Technology LTC1773 Datasheet HTML 6Page - Linear Technology LTC1773 Datasheet HTML 7Page - Linear Technology LTC1773 Datasheet HTML 8Page - Linear Technology LTC1773 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC1773
1
1773fb
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
High Efficiency: Up to 95%
Constant Frequency 550kHz Operation
VIN from 2.65V to 8.5V
VOUT from 0.8V to VIN
OPTI-LOOP
® Compensation Minimizes COUT
Synchronizable up to 750kHz
Selectable Burst Mode Operation
Low Quiescent Current: 80
µµµµµA
Low Dropout Operation: 100% Duty Cycle
Secondary Winding Regulation
Soft-Start
Current Mode Operation for Excellent Line and
Load Transient Response
Low Shutdown IQ = 10µA
±1.5% Reference Accuracy
Precision 2.5V Undervoltage Lockout
Available in 10-Lead MSOP
The LTC
®1773 is a current mode synchronous buck regu-
lator controller that drives external complementary power
MOSFETs using a fixed frequency architecture. The oper-
ating supply range is from 2.65V to 8.5V, making it
suitable for 1- or 2-cell lithium-ion battery powered appli-
cations. Burst Mode
® operation provides high efficiency at
low load currents. 100% duty cycle provides low dropout
operation which extends operating time in battery-oper-
ated systems.
The operating frequency is internally set at 550kHz, allow-
ing the use of small surface mount inductors. For switch-
ing-noise sensitive applications, it can be synchronized up
to 750kHz. Peak current limit is user programmable with
an external high side sense resistor. A SYNC/FCB control
pin guarantees regulation of secondary windings regard-
less of load on the main output by forcing continuous
operation. Burst Mode operation is inhibited during syn-
chronization or when the SYNC/FCB pin is pulled low to
reduce noise and RF interference. Soft-start is provided by
an external capacitor.
Synchronous rectification increases efficiency and elimi-
nates the need for a Schottky diode, saving components
and board space. The LTC1773 comes in a 10-lead MSOP
package.
Cellular Telephones
RF PA Supplies
Portable Instruments
Wireless MODEMS
Distributed Power Systems
Notebook and Palm Top Computers, PDAs
Single and Dual Cell Lithium-Ion Powered Devices
Synchronous Step-Down
DC/DC Controller
Figure 1. Step-Down Converter
High Efficiency
OUTPUT CURRENT (mA)
100
95
90
85
80
75
70
65
60
55
1
100
1000
5000
1773 F1b
10
L = SUMIDA CDRH6D28-3R0
VIN = 3.3V
VIN = 5V
VIN = 8V
+
+
30k
220pF
0.1
µF
COUT
180
µF
CIN
68
µF
L1
3
µH
VIN
2.65V TO 8.5V
VOUT
2.5V
RSENSE
0.025
1773 F01
LTC1773
RUN/SS
SYNC/FCB
GND
SENSE
VIN
TG
ITH
VFB
BG
SW
Si9801DY
80.6k
169k
47pF
Protected by U.S. Patents, including 5481178, 6580258, 6304066, 6127815.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OPTI-LOOP and Burst Mode are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1773

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC1773

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com