Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1745IFW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1745IFW
Description  Low Noise,12-Bit, 25Msps ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1745IFW Datasheet(HTML) 3 Page - Linear Technology

  LTC1745IFW Datasheet HTML 1Page - Linear Technology LTC1745IFW Datasheet HTML 2Page - Linear Technology LTC1745IFW Datasheet HTML 3Page - Linear Technology LTC1745IFW Datasheet HTML 4Page - Linear Technology LTC1745IFW Datasheet HTML 5Page - Linear Technology LTC1745IFW Datasheet HTML 6Page - Linear Technology LTC1745IFW Datasheet HTML 7Page - Linear Technology LTC1745IFW Datasheet HTML 8Page - Linear Technology LTC1745IFW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1745
1745f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input Signal (2V Range)
71
dBFS
5MHz Input Signal (3.2V Range)
q
71
72.5
dBFS
30MHz Input Signal (2V Range)
71
dBFS
30MHz Input Signal (3.2V Range)
72
dBFS
70MHz Input Signal (2V Range)
70
dBFS
70MHz Input Signal (3.2V Range)
71.5
dBFS
SFDR
Spurious Free Dynamic Range
5MHz Input Signal (2V Range)
96
dB
5MHz Input Signal (3.2V Range)
q
78
91
dB
30MHz Input Signal (2V Range)
93.5
dB
30MHz Input Signal (3.2V Range)
87
dB
70MHz Input Signal (2V Range)
79
dB
70MHz Input Signal (3.2V Range)
70.5
dB
S/(N + D)
Signal-to-(Noise + Distortion) Ratio
5MHz Input Signal (2V Range)
71
dBFS
5MHz Input Signal (3.2V Range)
q
71
72.5
dBFS
30MHz Input Signal (2V Range)
71
dBFS
30MHz Input Signal (3.2V Range)
72
dBFS
70MHz Input Signal (2V Range)
69.5
dBFS
70MHz Input Signal (3.2V Range)
68.5
dBFS
THD
Total Harmonic Distortion
5MHz Input Signal, First 5 Harmonics (2V Range)
– 92
dB
5MHz Input Signal, First 5 Harmonics (3.2V Range)
– 90
dB
30MHz Input Signal, First 5 Harmonics (2V Range)
– 91.5
dB
30MHz Input Signal, First 5 Harmonics (3.2V Range)
– 86.5
dB
70MHz Input Signal, First 5 Harmonics (2V Range)
–77.5
dB
70MHz Input Signal, First 5 Harmonics (3.2V Range)
–70
dB
IMD
Intermodulation Distortion
fIN1 = 4MHz, fIN2 = 5.1MHz (2V Range)
85
dBc
fIN1 = 4MHz, fIN2 = 5.1MHz (3.2V Range)
84
dBc
Sample-and-Hold Bandwidth
RSOURCE = 50Ω
240
MHz
The q indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
DY A IC ACCURACY
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
2.29
2.35
2.41
V
VCM Output Tempco
IOUT = 0
±30
ppm/
°C
VCM Line Regulation
4.75V
≤ VDD ≤ 5.25V
3
mV/V
VCM Output Resistance
1mA
≤ IOUT ≤ 1mA
4
(Note 5)
I TER AL REFERE CE CHARACTERISTICS


Similar Part No. - LTC1745IFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
More results

Similar Description - LTC1745IFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1745 LINER-LTC1745_15 Datasheet
214Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1746 LINER-LTC1746 Datasheet
211Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC2226H LINER-LTC2226H Datasheet
190Kb / 16P
   12-Bit, 25Msps 125째C ADC in LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1746 LINER-LTC1746_15 Datasheet
217Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com