Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1773EMS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1773EMS
Description  Synchronous Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1773EMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1773EMS Datasheet HTML 7Page - Linear Technology LTC1773EMS Datasheet HTML 8Page - Linear Technology LTC1773EMS Datasheet HTML 9Page - Linear Technology LTC1773EMS Datasheet HTML 10Page - Linear Technology LTC1773EMS Datasheet HTML 11Page - Linear Technology LTC1773EMS Datasheet HTML 12Page - Linear Technology LTC1773EMS Datasheet HTML 13Page - Linear Technology LTC1773EMS Datasheet HTML 14Page - Linear Technology LTC1773EMS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC1773
11
1773fb
Synchronous switching removes the normal limitation
that power must be drawn from the inductor primary
winding in order to extract power from auxiliary windings.
With continuous synchronous operation, power can be
drawn from the auxiliary windings without regard to the
primary output load.
The secondary output voltage is set by the turns ratio of the
transformer in conjunction with a pair of external resistors
returned to the SYNC/FCB pin as shown in Figure 5. The
secondary regulated voltage, VSEC, in Figure 5 is given by:
VN
V
V
V
R
R
SEC
OUT
DIODE
+
()
>+
⎝⎜
⎠⎟
10 8
1
4
3
.
where N is the turns ratio of the transformer and VOUT is
the main output voltage sensed by VFB.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC1773 circuits: VIN quiescent current, external
power MOSFET gate charge current, I2R losses, and
topside MOSFET transition losses.
1. The VIN quiescent current is due to the DC bias current
as given in the electrical characteristics, it excludes
MOSFET driver and control currents. VIN current results
in a small loss which increases with VIN.
2. The external MOSFET gate charge current results from
switching the gate capacitance of the external power
MOSFET switches. Each time the gate is switched from
high to low to high again, a packet of charge dQ moves
from VIN to ground. The resulting dQ/dt is the current
out of VIN; it is typically larger than the DC bias current.
In continuous mode, IGATECHG = f(QT + QB) where QT
and QB are the gate charges of the external main and
synchronous switches. Both the DC bias and gate
charge losses are proportional to VIN and thus their
effects will be more pronounced at higher supply volt-
ages.
3. I2R losses are calculated from the resistances of the
external RSENSE, the external power MOSFETs (RSW)
and the external inductor (RL). In continuous mode, the
average output current flowing through inductor L is
“chopped” between the main switch and the synchro-
nous switch. Thus, the series resistance looking into
the SW pin from L is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC), as follows:
RSW = (RDS(ON)TOP +RSENSE) • DC + RDS(ON)BOT • (1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the MOSFET manufactures’s
datasheets. Thus, to obtain I2R losses, simply add RSW
and RL together and multiply their sum by the square of
the average output current.
4. Transition losses apply to the topside MOSFET and
increase when operating at high input voltages and
higher operating frequencies. Transition losses can be
estimated from:
Transition Loss = 2(VIN)2IO(MAX)CRSS(f)
APPLICATIONS INFORMATION
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Figure 5. Secondary Output Loop Connection
LTC1773
+
+
R4
R3
1
µF
VOUT
VSEC
COUT
L1
1:N
SYNC/FCB
BG
SW
TG
1773 F05
VIN


Similar Part No. - LTC1773EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC1773EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com