Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6102CMS8-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6102CMS8-TRPBF
Description  Precision Zero Drift Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6102CMS8-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6102CMS8-TRPBF Datasheet HTML 3Page - Linear Technology LTC6102CMS8-TRPBF Datasheet HTML 4Page - Linear Technology LTC6102CMS8-TRPBF Datasheet HTML 5Page - Linear Technology LTC6102CMS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC6102CMS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC6102CMS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC6102CMS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC6102CMS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC6102CMS8-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC6102/LTC6102HV
7
6102fb
Step Response Rising Edge
Step Response Falling Edge
PSRR vs Frequency
Input Referred Noise
0.1Hz to 10Hz
Noise Spectral Density
–INS (Pin 1): Amplifier Inverting Input. When tied to –INF,
the internal sense amplifier will drive –INS to the same
potential as +IN.
–INF (Pin 2): Force Input. This pin carries the input
current from RIN and must be tied to –INS near RIN. A
resistor (RIN) tied from V+ to –INF sets the output current
IOUT = VSENSE/RIN. VSENSE is the voltage across the ex-
ternal RSENSE.
V(Pins 3, 5):
Negative Supply.
OUT (Pin 4): Open-Drain Current output. OUT will source a
current that is proportional to the sense voltage into an ex-
ternal resistor. IOUT is the same current that enters –INF.
VREG (Pin 6): Internal Regulated Supply. A 0.1μF (or
larger) capacitor should be tied from VREG to V+. VREG is
not designed to drive external circuits.
V+ (Pin 7):
Positive Supply. Supply current is drawn
through this pin.
+IN (Pin 8): Amplifier Non-Inverting Input. Must be tied
to the system load end of the sense resistor.
Exposed Pad (Pin 9, DFN Only): V. The Exposed Pad
must be soldered to PCB.
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6102 G17
VOUT
VSENSE
= 100mV
IOUT = 100μA
IOUT = 0
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE
+ = V+
5.5V
5V
0.5V
0V
6102 G18
VOUT
VSENSE
= 100mV
IOUT = 100μA
IOUT = 0
TIME (500ns/DIV)
TA = 25°C
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
VSENSE
+ = V+
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
6102 G19
160
140
120
100
80
60
40
20
V+ = 12V
RIN = 100Ω
ROUT = 4.99k
AV = 49.9
IOUT = 500μA
6102 G20
TA = 25°C
V+ = 12V
RIN = 10Ω
ROUT = 1k
VSENSE = 2mV
TIME (s)
0123456789
10
5
4
3
2
1
0
–5
–4
–3
–2
–1
FREQUENCY (Hz)
100
2
1
0
1k
10k
1M
100k
6102 G21


Similar Part No. - LTC6102CMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102 AD-LTC6102 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6102HV AD-LTC6102HV Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
More results

Similar Description - LTC6102CMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com