Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6405 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6405
Description  2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6405 Datasheet(HTML) 4 Page - Linear Technology

  LTC6405 Datasheet HTML 1Page - Linear Technology LTC6405 Datasheet HTML 2Page - Linear Technology LTC6405 Datasheet HTML 3Page - Linear Technology LTC6405 Datasheet HTML 4Page - Linear Technology LTC6405 Datasheet HTML 5Page - Linear Technology LTC6405 Datasheet HTML 6Page - Linear Technology LTC6405 Datasheet HTML 7Page - Linear Technology LTC6405 Datasheet HTML 8Page - Linear Technology LTC6405 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6405
4
6405fa
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V= 0V, VCM = VOCM = VICM = 2.5V, VSHDN = open,
RLOAD = 400Ω, circuit component values in Figure 2 used, unless otherwise noted. VS is defined as (V+ – V). VICM is defined as (V+IN
+ V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
Differential Output
690
V/μS
GBW
Gain-Bandwidth Product
fTEST = 27MHz
2.7
GHz
f–3dB
–3dB Frequency (See Figure 2)
QFN Package
MSOP Package
500
400
800
750
MHz
MHz
50MHz Distortion
Differential Input, VOUTDIFF = 2VP-P
(Note 13)
VOCM = 2.5V, VS = 5V
2nd Harmonic
3rd Harmonic
l
–80
–64
–53
dBc
dBc
VOCM = 2.5V, VS = 5V, RLOAD = 800Ω
2nd Harmonic
3rd Harmonic
–82
–66
dBc
dBc
VOCM = 2.5V, VS = 5V, RLOAD = 800Ω,
RI = RF = 499Ω
2nd Harmonic
3rd Harmonic
–82
–64
dBc
dBc
50MHz Distortion
Single-Ended Input, VOUTDIFF = 2VP-P
(Note 13)
VOCM = 2.5V, VS = 5V, RLOAD = 800Ω,
RI = RF = 499Ω
2nd Harmonic
3rd Harmonic
–72
–77
dBc
dBc
3rd-Order IMD at 49.5MHz, 50.5MHz
VOUTDIFF = 2VP-P Envelope,
RLOAD = 800Ω
–63
dBc
Equivalent OIP3 at 50MHz (Note 11)
RLOAD = 800Ω
35.5
dBm
tS
Settling Time
VOUTDIFF = 2V Step
1% Settling
0.1% Settling
6
11
ns
ns
NF
Noise Figure at 50MHz
Shunt-Terminated to 50Ω, RS = 50Ω
ZIN = 200Ω (RI = 100Ω, RF = 300Ω)
14.4
7.5
dB
dB
DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V= 0V, VCM = VOCM = VICM = 2.5V, VSHDN = open,
circuit component values in Figure 1 used, unless otherwise noted. VS is defined as (V+ – V). VOUTCM is defined as (V+OUT + V–OUT)/2.
VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Open Loop Voltage Gain
90
dB
VS
Supply Voltage Range
l
4.5
5.5
V
IS
Supply Current
l
18
23
mA
ISHDN
Supply Current in Shutdown
VSHDN = 0V
l
0.4
1
mA
RSHDN
SHDN Pull-Up Resistor
VSHDN = 0V to 0.5V
l
30
50
70
VIL
SHDN Input Logic Low
l
1.25
1.8
V
VIH
SHDN Input Logic High
l
2
2.55
V
tON
Turn-On Time
200
ns
tOFF
Turn-Off Time
50
ns


Similar Part No. - LTC6405

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6405 LINER-LTC6405 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LTC6405CMS8E LINER-LTC6405CMS8E Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405IMS8E LINER-LTC6405IMS8E Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
More results

Similar Description - LTC6405

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com