Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6082IGN-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6082IGN-PBF
Description  Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6082IGN-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6082IGN-PBF Datasheet HTML 1Page - Linear Technology LTC6082IGN-PBF Datasheet HTML 2Page - Linear Technology LTC6082IGN-PBF Datasheet HTML 3Page - Linear Technology LTC6082IGN-PBF Datasheet HTML 4Page - Linear Technology LTC6082IGN-PBF Datasheet HTML 5Page - Linear Technology LTC6082IGN-PBF Datasheet HTML 6Page - Linear Technology LTC6082IGN-PBF Datasheet HTML 7Page - Linear Technology LTC6082IGN-PBF Datasheet HTML 8Page - Linear Technology LTC6082IGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC6081/LTC6082
1
60812f
, LTC, LT and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Precision Dual/Quad
CMOS Rail-to-Rail Input/
Output Amplifiers
The LTC®6081/LTC6082 are dual/quad low offset, low drift,
low noise CMOS operational amplifiers with rail-to-rail
input/output swing.
The 70μV maximum offset, 1pA input bias current, 120dB
open loop gain and 1.3μVP-P 0.1Hz to 10Hz noise make
it perfect for precision signal conditioning. The LTC6081/
LTC6082 features 100dB CMRR and 98dB PSRR.
Each amplifier consumes only 330μA of current on a 3V
supply. The 10-lead DFN has an independent shutdown
function that reduces each amplifier’s supply current
to 1μA.
LTC6081/LTC6082 is specified for power supply voltages
of 3V and 5V from –40°C to 125°C. The dual LTC6081 is
available in 8-lead MSOP and 10-lead DFN10 packages.
The quad LTC6082 is available in 16-lead SSOP and DFN
packages.
Shock Sensor Amplifier (Accelerometer)
Maximum Offset Voltage: 70μV (25°C)
Maximum Offset Drift: 0.8μV/°C
Maximum Input Bias: 1pA (25°C) 40pA (TA ≤ 85°C)
Open Loop Voltage Gain: 120dB Typ
Gain Bandwidth Product: 3.6MHz
CMRR: 100dB Min
PSRR: 98dB Min
0.1Hz to 10Hz Noise: 1.3μVP-P
Supply Current: 330μA
Rail-to-Rail Inputs and Outputs
Unity Gain Stable
2.7V to 5.5V Operation Voltage
Dual LTC6081 in 8-Lead MSOP and 10-Lead DFN10
Packages; Quad LTC6082 in 16-Lead SSOP and DFN
Packages
Photodiode Amplifier
Strain Gauge
High Impedance Sensor Amplifier
Microvolt Accuracy Threshold Detection
Instrumentation Amplifiers
Thermocouple Amplifiers
60812 TA01
V+
V
+
1G
2M
1M
10k
3.9pF
47pF
0.1
μF
1/2
LTC6081
0.1
μF
8.2pF
2M
3.9pF
1M
VOUT = 109mV/g
BW ~ 2.2kHz
MURATA
PKGS-00LD
770pF
0
° SENSOR
VOS Drift Histogram
VOSDRIFT (μV/°C)
30
25
20
15
10
5
0
60812 TA01b
LTC6081MS8
TA = –40°C TO 125°C
VS = 3V
VCM = 0.5V
0.20
0.30
–0.10
–0.20
0
0.10


Similar Part No. - LTC6082IGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6082 LINER-LTC6082 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082 LINER-LTC6082 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
More results

Similar Description - LTC6082IGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com