Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1773EMS-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1773EMS-TRPBF
Description  Synchronous Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1773EMS-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC1773EMS-TRPBF Datasheet HTML 1Page - Linear Technology LTC1773EMS-TRPBF Datasheet HTML 2Page - Linear Technology LTC1773EMS-TRPBF Datasheet HTML 3Page - Linear Technology LTC1773EMS-TRPBF Datasheet HTML 4Page - Linear Technology LTC1773EMS-TRPBF Datasheet HTML 5Page - Linear Technology LTC1773EMS-TRPBF Datasheet HTML 6Page - Linear Technology LTC1773EMS-TRPBF Datasheet HTML 7Page - Linear Technology LTC1773EMS-TRPBF Datasheet HTML 8Page - Linear Technology LTC1773EMS-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC1773
3
1773fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC1773 is guaranteed to meet performance specifications from
0
°C to 70°C. Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with statistical
process controls.
Note 3: TJis calculated from the ambient temperature TAand power dissipation
PD according to the following formula:
LTC1773: TJ = TA + (PD • 120°C/W)
Note 4: The LTC1773 is tested in a feedback loop which servos VFB to the
balance point for the error amplifier (VITH = 0.8V)
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 6: Rise and fall times are measured using 10% and 90% levels.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Input Voltage
Efficiency vs Load Current
Efficiency vs Load Current
Load Regulation
VIN-VOUT Dropout Voltage
vs Load Current
Input and Shutdown Currents
vs Input Voltage
OUTPUT CURRENT (mA)
1
1773 G01
10
100
1000
5000
100
90
80
70
60
50
FORCED CONTINUOUS
VIN = 5V
VOUT = 2.5V
SEE FIGURE 1
Burst Mode
OPERATION
SYNC(750kHz)
INPUT VOLTAGE (V)
100
95
90
85
80
75
24
6
8
1773 G03
10
VOUT = 2.5V
SEE FIGURE 1
IOUT = 100mA
IOUT = 1A
LOAD CURRENT (mA)
0
400
350
300
250
200
150
100
50
0
2000
1773 G05
500
1000
1500
2500
RSENSE = 0.025Ω
VOUT = 1.8V
Si9801DY
INPUT VOLTAGE (V)
2
10
1773 G06
4
6
8
500
450
400
350
300
250
200
150
100
50
0
SYNC TO 750kHz
Burst Mode OPERATION
SHUTDOWN
VOUT = 1.8V
Si9801DY
RSENSE = 0.025Ω
L = CDRH6D28-3RO
OUTPUT CURRENT (mA)
1
100
90
80
70
60
50
1773 G02
10
100
1000
VOUT = 2.5V
SEE FIGURE 1
VIN = 5V
VIN = 3.3V
VIN = 8V
10,000
LOAD CURRENT (A)
0
0
– 0.05
– 0.10
– 0.15
– 0.20
– 0.25
– 0.30
1.5
2.5
1773 G16
0.5
1.0
2.0
3.0
3.5
RSENSE = 0.025Ω
SEE FIGURE 1


Similar Part No. - LTC1773EMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC1773EMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com