Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1854 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1854
Description  8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1854 Datasheet(HTML) 1 Page - Linear Technology

  LTC1854 Datasheet HTML 1Page - Linear Technology LTC1854 Datasheet HTML 2Page - Linear Technology LTC1854 Datasheet HTML 3Page - Linear Technology LTC1854 Datasheet HTML 4Page - Linear Technology LTC1854 Datasheet HTML 5Page - Linear Technology LTC1854 Datasheet HTML 6Page - Linear Technology LTC1854 Datasheet HTML 7Page - Linear Technology LTC1854 Datasheet HTML 8Page - Linear Technology LTC1854 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1854/LTC1855/LTC1856
185456fa
COM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
MUXOUT+
MUXOUT
ADC+
ADC
AGND1
CONVST
RD
SCK
SDI
DGND
SDO
BUSY
OVDD
DVDD
AVDD
AGND3
AGND2
REFCOMP
VREF
LTC1854/
LTC1855/
LTC1856
SOFTWARE-PROGRAMMABLE
SINGLE-ENDED OR
DIFFERENTIAL INPUTS
±10V BIPOLAR INPUT RANGE
10
μF
0.1
μF
10
μF
10
μF
0.1
μF
1
μF
10
μF
3V TO 5V
5V
5V
2.5V
0.1
μF
μP
CONTROL
LINES
0.1
μF
8-Channel,
±10V Input
12-/14-/16-Bit, 100ksps ADC
Converters with Shutdown
The LTC
®1854/LTC1855/LTC1856 are 8-channel, low
power, 12-/14-/16-bit, 100ksps, analog-to-digital con-
verters (ADCs). These ADCs operate from a single 5V
supply and the 8-channel multiplexer can be programmed
for single-ended inputs, pairs of differential inputs, or
combinations of both. In addition, all channels are fault
protected to
±30V. A fault condition on any channel will
not affect the conversion result of the selected channel.
An onboard precision reference minimizes external com-
ponents. Power dissipation is 40mW at 100ksps and lower
in two power shutdown modes (27.5mW in Nap mode and
40
mW in Sleep mode.) DC specifications include ±3LSB
INL for the LTC1856,
±1.5LSB INL for the LTC1855 and
±1LSB for the LTC1854.
The internal clock is trimmed for 5
ms maximum conver-
sion time and the sampling rate is guaranteed at 100ksps.
A separate convert start input and data ready signal (BUSY)
ease connections to FIFOs, DSPs and microprocessors.
Single 5V Supply
Sample Rate: 100ksps
8-Channel Multiplexer with
±30V Protection
±10V Bipolar Input Range
Single Ended or Differential
±3LSB INL for the LTC1856, ±1.5LSB INL for the
LTC1855,
±1LSB INL for the LTC1854
Power Dissipation: 40mW (Typ)
SPI/MICROWIRE
TM Compatible Serial I/O
Power Shutdown: Nap and Sleep
SINAD: 87dB (LTC1856)
Operates with Internal or External Reference
Internal Synchronized Clock
28-Pin SSOP Package
100kHz, 12-Bit/14-/16-Bit Sampling ADC
Industrial Process Control
Multiplexed Data Acquisition Systems
High Speed Data Acquisition for PCs
Digital Signal Processing
LTC1856 Typical INL Curve
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
CODE
–32768
0
0.5
1.0
32767
185456 G01
–0.5
–1.0
–2.0
–16384
0
16384
–1.5
2.0
1.5


Similar Part No. - LTC1854

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results

Similar Description - LTC1854

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com