Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1747IFW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1747IFW
Description  12-Bit, 80Msps Low Noise ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1747IFW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1747IFW Datasheet HTML 4Page - Linear Technology LTC1747IFW Datasheet HTML 5Page - Linear Technology LTC1747IFW Datasheet HTML 6Page - Linear Technology LTC1747IFW Datasheet HTML 7Page - Linear Technology LTC1747IFW Datasheet HTML 8Page - Linear Technology LTC1747IFW Datasheet HTML 9Page - Linear Technology LTC1747IFW Datasheet HTML 10Page - Linear Technology LTC1747IFW Datasheet HTML 11Page - Linear Technology LTC1747IFW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1747
1747fa
TYPICAL PERFOR A CE CHARACTERISTICS
SNR vs Input Frequency,
–1dB, 3.2V Range
INPUT FREQUENCY (MHz)
0
69.5
70.0
70.5
71.0
71.5
72.5
20
40
60
80
1747 G25
100
72.0
TA = 25°C
SFDR vs Sample Rate, 5MHz Input
–1dB, 3.2V Range
SAMPLE RATE (Msps)
0
TA = 25°C
80
1747 G26
20
40
60
100
100
98
96
94
92
90
88
86
84
82
80
SNR vs Sample Rate, 5MHz Input
–1dB, 3.2V Range
SAMPLE RATE (Msps)
0
71.5
72.0
72.5
60
100
1747 G27
71.0
70.5
70.0
20
40
80
73.0
73.5
74.0
TA = 25°C
Supply Current (IVDD)
vs Sample Rate
SAMPLE RATE (Msps)
0
280
290
300
TA = 25°C
80
1747 G28
270
260
20
40
60
100
250
240
230
TEMPERATURE (
°C)
–50
6
GAIN ERROR
OFFSET ERROR
10
1747 G03
0
–4
–30
–10
30
–6
–8
8
4
2
–2
50
70
90
Offset and Gain Error
vs Temperature
INPUT FREQUENCY (MHz)
0
75
80
85
150
250
1747 G29
70
65
60
50
100
200
90
95
100
4TH OR HIGHER HARMONIC
2ND OR 3RD HARMONIC
INPUT FREQENCY (MHz)
0
69.5
70.0
70.5
200
1747 G30
69.0
68.5
50
100
150
250
68.0
67.5
67.0
High Input Frequency SFDR,
–1dB, 2V Range
High Input Frequency SNR,
–1dB, 2V Range


Similar Part No. - LTC1747IFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results

Similar Description - LTC1747IFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
   10-Bit, 80Msps Low Noise 3V ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2239 LINER-LTC2239 Datasheet
559Kb / 24P
   10-Bit, 80Msps Low Noise 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX1208 MAXIM-MAX1208 Datasheet
1Mb / 27P
   12-Bit, 80Msps, 3.3V ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com