Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6405CUD-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6405CUD-TRPBF
Description  2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6405CUD-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6405CUD-TRPBF Datasheet HTML 7Page - Linear Technology LTC6405CUD-TRPBF Datasheet HTML 8Page - Linear Technology LTC6405CUD-TRPBF Datasheet HTML 9Page - Linear Technology LTC6405CUD-TRPBF Datasheet HTML 10Page - Linear Technology LTC6405CUD-TRPBF Datasheet HTML 11Page - Linear Technology LTC6405CUD-TRPBF Datasheet HTML 12Page - Linear Technology LTC6405CUD-TRPBF Datasheet HTML 13Page - Linear Technology LTC6405CUD-TRPBF Datasheet HTML 14Page - Linear Technology LTC6405CUD-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6405
11
6405fa
PIN FUNCTIONS
VOCM (Pin 2/Pin 4): Output Common Mode Reference
Voltage. The voltage on VOCM sets the output common
mode voltage level (which is defined as the average of the
voltages on the +OUT and –OUT pins). The VOCM voltage
is internally set by a resistive divider between the supplies,
developing a default voltage potential of 2.5V with a 5V
supply. The VOCM pin can be over-driven by an external
voltage capable of driving the 19kΩ Thevenin equivalent
impedance presented by the pin. The VOCM pin should be
bypassed with a high quality ceramic bypass capacitor of at
least 0.01μF, to minimize common mode noise from being
converted to differential noise by impedance mismatches
both externally and internally to the IC.
V+ (Pin 3/Pins 2, 10, 11):
V(Pin 6/Pins 3, 9, 12):
Power Supply Pins. It is critical that close attention be
paid to supply bypassing. For single supply applications,
it is recommended that a high quality 0.1μF surface mount
ceramic bypass capacitor be placed between V+ and Vwith
direct short connections. In addition, Vshould be tied
directly to a low impedance ground plane with minimal
routing. For dual (split) power supplies, it is recommended
that additional high quality, 0.1μF ceramic capacitors are
used to bypass V+ to ground and Vto ground, again
with minimal routing. For driving large loads (<200Ω),
additional bypass capacitance may be needed for optimal
performance. Keep in mind that small geometry (e.g., 0603
or smaller) surface mount ceramic capacitors have a much
higher self resonant frequency than do leaded capacitors,
and perform best in high speed applications.
+OUT, –OUT (Pins 4, 5/Pins 7, 14): Unfiltered Output
Pins. Besides driving the feedback network, each pin
can drive an additional 50Ω to ground with typical short
circuit current limiting of ±60mA. Each amplifier output
is designed to drive a load capacitance of 5pF. Larger
capacitive loads should be decoupled with at least 15Ω
resistors from each output.
VTIP (Pin 5) QFN Only: This pin can normally be left float-
ing. It determines which pair of input transistors (NPN or
PNP or both) is sensing the input signal. The VTIP pin is
set by an internal resistive divider between the supplies,
developing a default 2.8V voltage with a 5V supply. VTIP
has a Thevenin equivalent resistance of approximately
17k and can be over-driven by an external voltage. The
VTIP pin should be bypassed with a high quality ceramic
bypass capacitor of at least 0.01μF. See the Applications
Information section for more details.
SHDN (Pin 7/Pin 1): When SHDN is floating or directly
tied to V+, the LTC6405 is in the normal (active) operat-
ing mode. When the SHDN pin is connected to V, the
LTC6405 enters into a low power shutdown state with
Hi-Z outputs.
+IN, –IN (Pins 8, 1/Pins 15, 6): Noninverting and Inverting
Input Pins of the Amplifier, Respectively. For best perfor-
mance, it is highly recommended that stray capacitance
be kept to an absolute minimum by keeping printed circuit
connections as short as possible.
+OUTF, –OUTF (Pins 8, 13) QFN Only: Filtered Output
Pins. These pins have a series RC network (R = 50Ω,
C = 3.75pF) connected between the filtered and unfiltered
outputs. See the Applications Information section for
more details.
NC (Pin 16) QFN Only: No Connection. This pin is not
connected internally.
Exposed Pad (Pin 9/Pin 17): Tie the bottom pad to V. If
split supplies are used, DO NOT tie the pad to ground.
(MSOP/QFN)


Similar Part No. - LTC6405CUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
More results

Similar Description - LTC6405CUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com