Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1854IG Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1854IG
Description  8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1854IG Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1854IG Datasheet HTML 3Page - Linear Technology LTC1854IG Datasheet HTML 4Page - Linear Technology LTC1854IG Datasheet HTML 5Page - Linear Technology LTC1854IG Datasheet HTML 6Page - Linear Technology LTC1854IG Datasheet HTML 7Page - Linear Technology LTC1854IG Datasheet HTML 8Page - Linear Technology LTC1854IG Datasheet HTML 9Page - Linear Technology LTC1854IG Datasheet HTML 10Page - Linear Technology LTC1854IG Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1854/LTC1855/LTC1856
185456fa
TEMPERATURE (
°C)
–50
–0.25
–0.15
–0.05
0.05
–25
0
25
50
185456 G18
75
0.15
0.25
–0.20
–0.10
0
0.10
0.20
100
TYPICAL PERFOR A CE CHARACTERISTICS
LTC1855 SINAD
vs Input Frequency
LTC1855 Total Harmonic
Distortion vs Input Frequency
LTC1855 Channel-to-Channel
Offset Error Matching vs
Temperature
LTC1854 Channel-to-Channel
Offset Error Matching vs
Temperature
LTC1854 Total Harmonic
Distortion vs Input Frequency
LTC1854 SINAD
vs Input Frequency
INPUT FREQUENCY (kHz)
1
74
78
82
90
10
100
185456 G10
86
76
80
88
84
INPUT FREQUENCY (kHz)
1
–110
–100
–90
–70
10
100
185456 G11
–80
TEMPERATURE (
°C)
–50
–1.0
–0.5
0
0.5
1.0
–25
0
25
50
185456 G12
75
100
LTC1856 SINAD
vs Input Frequency
LTC1856 Total Harmonic
Distortion vs Input Frequency
LTC1856 Channel-to-Channel
Offset Error Matching vs
Temperature
INPUT FREQUENCY (kHz)
1
60
85
10
100
185456 G13
65
70
80
75
INPUT FREQUENCY (kHz)
1
–110
–100
–90
–60
10
100
185456 G14
–80
–70
TEMPERATURE (
°C)
–50
–0.5
–0.25
0
0.25
0.5
–25
0
25
50
185456 G15
75
100
INPUT FREQUENCY (kHz)
1
60
65
70
80
10
100
185456 G16
75
INPUT FREQUENCY (kHz)
–60
–70
–80
185456 G17
–110
–90
–100
100
110


Similar Part No. - LTC1854IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results

Similar Description - LTC1854IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com