Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6404CUD-4-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6404CUD-4-TRPBF
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404CUD-4-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6404CUD-4-TRPBF Datasheet HTML 7Page - Linear Technology LTC6404CUD-4-TRPBF Datasheet HTML 8Page - Linear Technology LTC6404CUD-4-TRPBF Datasheet HTML 9Page - Linear Technology LTC6404CUD-4-TRPBF Datasheet HTML 10Page - Linear Technology LTC6404CUD-4-TRPBF Datasheet HTML 11Page - Linear Technology LTC6404CUD-4-TRPBF Datasheet HTML 12Page - Linear Technology LTC6404CUD-4-TRPBF Datasheet HTML 13Page - Linear Technology LTC6404CUD-4-TRPBF Datasheet HTML 14Page - Linear Technology LTC6404CUD-4-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC6404
11
6404f
LTC6404-2 TYPICAL PERFORMANCE CHARACTERISTICS
Active Supply Current vs
Temperature
Shutdown Supply Current vs
Temperature
Differential Voltage Offset (Input
Referred) vs Temperature
Common Mode Voltage Offset
(Input Referred) vs Temperature
Active Supply Current vs Supply
Voltage and Temperature
SHDN Supply Current vs Supply
Voltage and Temperature
SHDN Pin Current vs SHDN Pin
Voltage and Temperature
Supply Current vs SHDN Pin
Voltage and Temperature
Small-Signal Frequency
Response
TEMPERATURE (°C)
–75
27
28
30
31
32
–25
25
50
150
64042 G01
29
–50
0
75 100 125
33
VS = 2.7V
VS = 5V
VS = 3V
VCM = VOCM = MID-SUPPLY
TEMPERATURE (°C)
–75
0
0.1
0.3
0.4
0.5
–25
25
50
150
64042 G02
0.2
–50
0
75 100 125
VS = 2.7V
VCM = VOCM = MID-SUPPLY
VS = 5V
VS = 3V
TEMPERATURE (°C)
–75
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–25
25
50
150
64042 G03
–0.6
0.6
0.8
0.2
–50
0
75 100 125
5 REPRESENTATIVE UNITS
VCM = VOCM = MID-SUPPLY
VS = 3V
TEMPERATURE (°C)
–75
–10
–8
–4
–2
0
10
4
–25
25
50
150
64042 G03
–6
6
8
2
–50
0
75 100 125
5 REPRESENTATIVE UNITS
VCM = VOCM = MID-SUPPLY
VS = 3V
VSUPPLY (V)
0
15
20
25
3
5
64042 G05
10
5
0
12
4
30
35
40
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
VCM = VOCM = MID-SUPPLY
SHDN = V+
VSUPPLY (V)
0
0
0.1
0.2
0.3
24
5
64042 G06
0.4
0.5
13
VCM = VOCM = MID-SUPPLY
SHDN = V
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
SHDN PIN VOLTAGE (V)
0
–30
–5
–10
–15
–20
1.5
0.5
2.5
3.0
64042 G07
–25
0
1.0
2.0
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
SHDN PIN VOLTAGE (V)
0
1.5
0.5
2.5
3.0
64042 G08
1.0
2.0
VCM = VOCM = MID-SUPPLY
VS = 3V
0
5
10
15
20
25
30
35
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
FREQUENCY (MHz)
10
100
1000
64042 G09
–20
–15
–10
–5
0
5
10
15
UNFILTERED OUTPUTS
VCM = VOCM = MID-SUPPLY
TA = 25°C
RI = 100Ω, RF = 200Ω,
CF IN PARALLEL WITH RF
CF = 0pF
CF = 1pF
VS = 3V
VS = 5V


Similar Part No. - LTC6404CUD-4-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6404-1 LINER-LTC6404-1 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6404-1 LINER-LTC6404-1 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6404-1 LINER-LTC6404-1 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6404CUD-4-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com