Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6416CDDB-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6416CDDB-TRPBF
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6416CDDB-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6416CDDB-TRPBF Datasheet HTML 4Page - Linear Technology LTC6416CDDB-TRPBF Datasheet HTML 5Page - Linear Technology LTC6416CDDB-TRPBF Datasheet HTML 6Page - Linear Technology LTC6416CDDB-TRPBF Datasheet HTML 7Page - Linear Technology LTC6416CDDB-TRPBF Datasheet HTML 8Page - Linear Technology LTC6416CDDB-TRPBF Datasheet HTML 9Page - Linear Technology LTC6416CDDB-TRPBF Datasheet HTML 10Page - Linear Technology LTC6416CDDB-TRPBF Datasheet HTML 11Page - Linear Technology LTC6416CDDB-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC6416
8
6416f
TYPICAL PERFORMANCE CHARACTERISTICS
Third Order Intermodulation
Distortion (IM3) vs Frequency and
Supply Voltage
Third Order Intermodulation
Distortion (IM3) vs Output
Common Mode Voltage (140MHz)
Output Third Order Intercept
(OIP3EQUIV) vs Frequency and
Supply Voltage
Output Third Order Intercept
(OIP3EQUIV) vs Output Common
Mode Voltage and Supply Voltage
(140MHz)
Output 1dB Compression
(Equivalent) vs Frequency, VCM
and Supply Voltage
Second and Third Harmonic
Distortion vs Output Common
Mode Voltage (140MHz)
Second and Third Harmonic
Distortion vs Output Common
Mode Voltage (250MHz)
Second and Third Harmonic
Distortion vs Output Common
Mode Voltage (300MHz)
Second and Third Harmonic
Distortion vs Output Common
Mode Voltage (75MHz)
–50
–60
–70
–80
–90
–100
VCM (V)
6416 G07
V+ = 3.6V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL
HD2
HD3
1.05
1.15
1.25
1.10
1.20
1.35
1.45
1.30
1.40
–50
–60
–70
–80
–90
–100
VCM (V)
6416 G08
V+ = 3.6V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL
HD2
HD3
1.05
1.15
1.25
1.10
1.20
1.35
1.45
1.30
1.40
–50
–60
–70
–80
–90
–100
VCM (V)
6416 G09
V+ = 3.6V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL
HD2
HD3
1.05
1.15
1.25
1.10
1.20
1.35
1.45
1.30
1.40
–50
–60
–70
–80
–90
–100
VCM (V)
6416 G10
V+ = 3.6V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL
HD2
HD3
1.05
1.15
1.25
1.10
1.20
1.35
1.45
1.30
1.40
–50
–60
–70
–80
–90
–100
FREQUENCY (MHz)
6416 G11
V+ = 3.3V, 3.6V; VCM = 1.25V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL (COMPOSITE)
f = 1MHz
IM3 VCC = 3.3V
IM3 VCC = 3.6V
0
250
450
150
350
500
200
400
100
300
50
–50
–60
–70
–80
–90
–100
VCM (V)
6416 G12
V+ = 3.3V, 3.6V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL (COMPOSITE)
f = 1MHz
1.05
1.15
1.25
1.10
1.20
1.35
1.45
1.30
1.40
IM3 V+ = 3.3V
IM3 V+ = 3.6V
50
45
40
35
30
25
FREQUENCY (MHz)
6416 G13
V+ = 3.3V, 3.6V
VCM = 1.25V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL (COMPOSITE)
f = 1MHz
OIP3 VCC = 3.3V
OIP3 VCC = 3.6V
0
250
450
150
350
500
200
400
100
300
50
50
45
40
35
30
25
6416 G14
V+ = 3.3V, 3.6V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL (COMPOSITE)
f = 1MHz
OIP3EQUIV V
+ = 3.3V
OIP3EQUIV V
+ = 3.6V
1.05
1.15
1.25
1.10
1.20
1.35
1.45
1.30
1.40
VCM (V)
15.0
14.0
13.0
12.0
11.0
14.5
13.5
12.5
11.5
10.5
10.0
FREQUENCY (MHz)
6416 G15
V+ = 3.3V, 3.6V
RLOAD = 400Ω
VOUT = 2VP-P DIFFERENTIAL
VCM = 1.05V
VCM = 1.25V
0
250
150
350 400
200
100
300
50
V+ = 3.3V
V+ = 3.6V


Similar Part No. - LTC6416CDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6416 LINER-LTC6416 Datasheet
439Kb / 24P
   10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC6416 LINER-LTC6416 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC6416 LINER-LTC6416 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6416 LINER-LTC6416 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
More results

Similar Description - LTC6416CDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6416 LINER-LTC6416_15 Datasheet
396Kb / 20P
   2 GHz Low Noise Differential 16-Bit ADC Buffer
logo
Analog Devices
LTC6417 AD-LTC6417 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver
logo
Linear Technology
LTC6417 LINER-LTC6417 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6417 LINER-LTC6417_15 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/16-Bit ADC Driver with Fast Clamp
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
logo
Analog Devices
HMC6832 AD-HMC6832 Datasheet
924Kb / 23P
   Low Noise, 2:8 Differential Fanout Buffer
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com