Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1860L Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1860L
Description  mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860L Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1860L Datasheet HTML 4Page - Linear Technology LTC1860L Datasheet HTML 5Page - Linear Technology LTC1860L Datasheet HTML 6Page - Linear Technology LTC1860L Datasheet HTML 7Page - Linear Technology LTC1860L Datasheet HTML 8Page - Linear Technology LTC1860L Datasheet HTML 9Page - Linear Technology LTC1860L Datasheet HTML 10Page - Linear Technology LTC1860L Datasheet HTML 11Page - Linear Technology LTC1860L Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1860L/LTC1861L
18601Lf
Load Circuit for tdDO, tr, tf, tdis and ten
Voltage Waveforms for SDO Rise and Fall Times, tr, tf
Voltage Waveforms for SDO Delay Times, tdDO and thDO
Voltage Waveforms for ten
SDO
3k
20pF
TEST POINT
VCC tdis WAVEFORM 2, ten
tdis WAVEFORM 1
1860 TC01
SCK
SDO
VIL
tdDO
thDO
VOH
VOL
1860 TC02
1860 TC03
CONV
SDO
ten
SDO
tr
tf
1860 TC04
VOH
VOL
TEST CIRCUITS
Voltage Waveforms for tdis
SDO
WAVEFORM 1
(SEE NOTE 1)
VIH
tdis
90%
10%
SDO
WAVEFORM 2
(SEE NOTE 2)
CONV
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
1860 TC05
LTC1860L OPERATION
Operating Sequence
The LTC1860L conversion cycle begins with the rising
edge of CONV. After a period equal to tCONV, the conver-
sion is finished. If CONV is left high after this time, the
LTC1860L goes into sleep mode drawing only leakage
current. On the falling edge of CONV, the LTC1860L goes
into sample mode and SDO is enabled. SCK synchronizes
the data transfer with each bit being transmitted from SDO
on the falling SCK edge. The receiving system should
capture the data from SDO on the rising edge of SCK. After
completing the data transfer, if further SCK clocks are
applied with CONV low, SDO will output zeros indefinitely.
See Figure 1.
Analog Inputs
The LTC1860L has a unipolar differential analog input. The
converter will measure the voltage between the “IN+” and
“IN” inputs. A zero code will occur when IN+ minus IN
equals zero. Full scale occurs when IN+ minus INequals
VREF minus 1LSB. See Figure 2. Both the “IN+” and
“IN” inputs are sampled at the same time, so common
mode noise on the inputs is rejected by the ADC. If “IN
is grounded and VREF is tied to VCC, a rail-to-rail input span
will result on “IN+” as shown in Figure 3.
Reference Input
The voltage on the reference input of the LTC1860L (and
the LTC1861L MSOP package) defines the full-scale range
of the A/D converter. These ADCs can operate with refer-
ence voltages from VCC to 1V.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1860L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860L LINER-LTC1860L Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1860L LINER-LTC1860L Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1860L LINER-LTC1860L Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1860L LINER-LTC1860L Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1860L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com