Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1855CG-TR Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1855CG-TR
Description  8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1855CG-TR Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1855CG-TR Datasheet HTML 5Page - Linear Technology LTC1855CG-TR Datasheet HTML 6Page - Linear Technology LTC1855CG-TR Datasheet HTML 7Page - Linear Technology LTC1855CG-TR Datasheet HTML 8Page - Linear Technology LTC1855CG-TR Datasheet HTML 9Page - Linear Technology LTC1855CG-TR Datasheet HTML 10Page - Linear Technology LTC1855CG-TR Datasheet HTML 11Page - Linear Technology LTC1855CG-TR Datasheet HTML 12Page - Linear Technology LTC1855CG-TR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1854/LTC1855/LTC1856
185456fa
PI FU CTIO S
COM (Pin 1): Common Input. This is the negative refer-
ence point for all single-ended inputs. It must be free of
noise and is usually connected to the analog ground plane.
CH0 (Pin 2): Analog MUX Input.
CH1 (Pin 3): Analog MUX Input.
CH2 (Pin 4): Analog MUX Input.
CH3 (Pin 5): Analog MUX Input.
CH4 (Pin 6): Analog MUX Input.
CH5 (Pin 7): Analog MUX Input.
CH6 (Pin 8): Analog MUX Input.
CH7 (Pin 9): Analog MUX Input.
MUXOUT+ (Pin 10): Positive MUX Output. Output of the
analog multiplexer. Connect to ADC+ for normal operation.
MUXOUT(Pin 11): Negative MUX Output. Output of the
analog multiplexer. Connect to ADCfor normal operation.
ADC+ (Pin 12): Positive Analog Input to the Analog-to-
Digital Converter.
ADC(Pin 13): Negative Analog Input to the Analog-to-
Digital Converter.
AGND1 (Pin 14): Analog Ground.
VREF (Pin 15): 2.5V Reference Output. Bypass to analog
ground with a 1
mF tantalum capacitor.
REFCOMP (Pin 16): Reference Buffer Output. Bypass to
analog ground with a 10
mF tantalum and a 0.1mF ceramic
capacitor. Nominal output voltage is 4.096V.
AGND2 (Pin 17): Analog Ground.
AGND3 (Pin 18): Analog Ground. This is the substrate
connection.
AVDD (Pin 19): 5V Analog Supply. Bypass to analog ground
with a 0.1
mF ceramic and a 10mF tantalum capacitor.
DVDD (Pin 20): 5V Digital Supply. Bypass to digital ground
with a 0.1
mF ceramic and a 10mF tantalum capacitor.
OVDD (Pin 21): Positive Supply for the Digital Output
Buffers (3V to 5V). Bypass to digital ground with a 0.1
mF
ceramic and a 10
mF tantalum capacitor.
BUSY (Pin 22): Output shows converter status. It is low
when a conversion is in progress.
SDO (Pin 23): Serial Data Output.


Similar Part No. - LTC1855CG-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
More results

Similar Description - LTC1855CG-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Linear Integrated Syste...
LTC1857 LINEAR-LTC1857 Datasheet
271Kb / 20P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com