Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6603IUF-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6603IUF-PBF
Description  Dual Adjustable Lowpass Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6603IUF-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC6603IUF-PBF Datasheet HTML 1Page - Linear Technology LTC6603IUF-PBF Datasheet HTML 2Page - Linear Technology LTC6603IUF-PBF Datasheet HTML 3Page - Linear Technology LTC6603IUF-PBF Datasheet HTML 4Page - Linear Technology LTC6603IUF-PBF Datasheet HTML 5Page - Linear Technology LTC6603IUF-PBF Datasheet HTML 6Page - Linear Technology LTC6603IUF-PBF Datasheet HTML 7Page - Linear Technology LTC6603IUF-PBF Datasheet HTML 8Page - Linear Technology LTC6603IUF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC6603
5
6603f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+A = V+D = V+IN = 3V, VICM = VOCM = 1.5V, Gain = 0dB, lowpass cutoff =
2.5MHz, internal clocking with RBIAS = 30.9k unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CLKIO Pin Low Level
Output Voltage
V+A = V+D = 3V, CLKCNTL = 3V
IOL = 1mA
IOL = 4mA
0.05
0.1
V
V
CLKIO Pin Rise Time
V+A = V+D = CLKCNTL = 3V, CLOAD = 5pF
0.3
ns
CLKIO Pin Fall Time
V+A = V+D = CLKCNTL = 3V, CLOAD = 5pF
0.3
ns
SER High Level
Input Voltage
Pin 17
l
V+D – 0.3
V
SER Low Level
Input Voltage
Pin 17
l
0.3
V
SER Input Current
Pin 17 = 0V (Note 6)
Pin 17 = V+D
l
l
–10
2
μA
μA
CLKCNTL High Level
Input Voltage
Pin 5
l
V+D – 0.5
V
CLKCNTL Low Level
Input Voltage
Pin 5
0.5
V
CLKCNTL Input
Current
CLKCNTL = 0V (Note 6)
CLKCNTL = V+D
l
l
–25
–15
15
25
μA
μA
Pin Programmable Control Mode Specifications. Specifications apply to pins 6, 9, 21 and 22 in pin programmable control mode.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+D = 2.7V to 3.6V
VIH
Digital Input High Voltage
Pins 6, 9, 21, 22
l
2V
VIL
Digital Input Low Voltage
Pins 6, 9, 21, 22
l
0.8
V
IIN
Digital Input Current
Pins 6, 9, 21, 22 (Note 6)
l
–1
1
μA
Serial Port DC and Timing Specifications. Specifications apply to pins 6, 9-11, and 21 in serial programming mode.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+D = 2.7V to 3.6V
VIH
Digital Input High Voltage
Pins 6, 9, 10
l
2V
VIL
Digital Input Low Voltage
Pins 6, 9, 10
l
0.8
V
IIN
Digital Input Current
Pins 6, 9, 10 (Note 6)
l
–1
1
μA
VOH
Digital Output High Voltage
Pins 11, 21 Sourcing 500μA
l VSUPPLY – 0.3
V
VOL
Digital Output Low Voltage
Pins 11, 21 Sinking 500μA
l
0.3
V
t1 (Note 5)
SDI Valid to SCLK Setup
l
60
ns
t2 (Note 5)
SDI Valid to SCLK Hold
l
0ns
t3
SCLK Low
l
100
ns
t4
SCLK High
l
100
ns
t5
CS Pulse Width
l
60
ns
t6 (Note 5)
LSB SCLK to CS
l
60
ns
t7 (Note 5)
CS Low to SCLK
l
30
ns
t8
SDO Output Delay
CL = 15pF
l
125
ns
t9 (Note 5)
SCLK Low to CS Low
l
0ns


Similar Part No. - LTC6603IUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
   Dual Adjustable Lowpass Filter
More results

Similar Description - LTC6603IUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
   Dual Adjustable Lowpass Filter
logo
KR Electronics, Inc.
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
2391-3.5-75 KR-2391-3.5-75 Datasheet
22Kb / 2P
   Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com