Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6605CDJC-7-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6605CDJC-7-TRPBF
Description  Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6605CDJC-7-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC6605CDJC-7-TRPBF Datasheet HTML 1Page - Linear Technology LTC6605CDJC-7-TRPBF Datasheet HTML 2Page - Linear Technology LTC6605CDJC-7-TRPBF Datasheet HTML 3Page - Linear Technology LTC6605CDJC-7-TRPBF Datasheet HTML 4Page - Linear Technology LTC6605CDJC-7-TRPBF Datasheet HTML 5Page - Linear Technology LTC6605CDJC-7-TRPBF Datasheet HTML 6Page - Linear Technology LTC6605CDJC-7-TRPBF Datasheet HTML 7Page - Linear Technology LTC6605CDJC-7-TRPBF Datasheet HTML 8Page - Linear Technology LTC6605CDJC-7-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC6605-7
4
66057f
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VINCM = VOCM = mid-supply, VBIAS = V+, unless
otherwise noted. Filter configured as in Figure 2, unless otherwise noted. VS is defined as (V+ – V). VOUTCM is defined as (V+OUT +
V–OUT)/2. VINCM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT). VINDIFF is defined as (V+IN + V–IN).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All pins are protected by steering diodes to either supply. If any
pin is driven beyond the LTC6605-7’s supply voltage, the excess input
current (current in excess of what it takes to drive that pin to the supply
rail) should be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the Absolute Maximum Rating when the output is shorted
indefinitely. Long-term application of output currents in excess of the
Absolute Maximum Ratings may impair the life of the device.
Note 4: Both the LTC6605C and the LTC6605I are guaranteed functional
over the operating temperature range –40°C to 85°C.
Note 5: The LTC6605C is guaranteed to meet specified performance
from 0°C to 70°C. The LTC6605C is designed, characterized and
expected to meet specified performance from –40°C to 85°C, but is
not tested or QA sampled at these temperatures. The LTC6605I is
guaranteed to meet specified performance from –40°C to 85°C.
Note 6: Output referred voltage offset is a function of gain. To determine
output referred voltage offset, or output voltage offset drift, multiply VOS
by the noise gain (1 + GAIN). See Figure 3.
Note 7: Input bias current is defined as the average of the currents
flowing into the noninverting and inverting inputs of the internal amplifier
and is calculated from measurements made at the pins of the IC. Input
offset current is defined as the difference of the currents flowing into
the noninverting and inverting inputs of the internal amplifier and is
calculated from measurements made at the pins of the IC.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain
Filter Gain
ΔVIN = ±0.125V, DC
VINDIFF = 0.5VP-P, f = 3.5MHz
VINDIFF = 0.5VP-P, f = 5.25MHz
VINDIFF = 0.5VP-P, f = 7MHz
VINDIFF = 0.5VP-P, f = 14MHz
VINDIFF = 0.5VP-P, f = 35MHz
l
l
l
l
l
l
–0.25
–1.2
–2.55
–4.25
–11.95
–28
±0.05
–0.84
–2.08
–3.71
–11.3
–25.9
0.25
–0.5
–1.65
–3.2
–10.7
–25
dB
dB
dB
dB
dB
dB
Phase
Filter Phase
ΔVIN = ±0.125V, DC
VINDIFF = 0.5VP-P, f = 3.5MHz
VINDIFF = 0.5VP-P, f = 5.25MHz
VINDIFF = 0.5VP-P, f = 7MHz
0
–43.4
–63.8
–81.9
Deg
Deg
Deg
Deg
ΔGain
Gain Match (Channel-to-Channel)
ΔVIN = ±0.125V, DC
VINDIFF = 0.5VP-P, f = 3.5MHz
VINDIFF = 0.5VP-P, f = 5.25MHz
VINDIFF = 0.5VP-P, f = 7MHz
l
l
l
l
–0.2
–0.2
–0.3
–0.35
±0.05
±0.05
±0.05
±0.05
0.2
0.2
0.3
0.35
dB
dB
dB
dB
ΔPhase
Phase Match (Channel-to-Channel)
VINDIFF = 0.5VP-P, f = 3.5MHz
VINDIFF = 0.5VP-P, f = 5.25MHz
VINDIFF = 0.5VP-P, f = 7MHz
l
l
l
–1.0
–1.0
–1.2
±0.2
±0.2
±0.2
1.0
1.0
1.2
Deg
Deg
Deg
4V/V Gain
Filter Gain in 4V/V Configuration
Inputs at ±IN1 Pins, ±IN4 Pins Floating
ΔVIN = ±0.125V, DC
l
11.85
12
12.25
dB
Channel Separation
VINDIFF = 1VP-P, f = 3.5MHz
–100
dB
fO TC
Filter Cut-Off Frequency Temperature
Coefficient
BIAS = V+
BIAS = Floating
–55
–180
ppm/°C
ppm/°C
Noise
Integrated Output Noise
(BW = 10kHz to 14MHz)
61
μVRMS
Input Referred Noise Density (f = 1MHz) BIAS = V+
Figure 4, Gain = 1
Figure 4, Gain = 4
Figure 4, Gain = 5
21
5.2
4.2
nV/√Hz
nV/√Hz
nV/√Hz
en
Voltage Noise Density Referred to
Op Amp Inputs (f = 1MHz)
BIAS = V+
BIAS = Floating
2.1
2.6
nV/√Hz
nV/√Hz
in
Current Noise Density Referred to
Op Amp Inputs (f = 1MHz)
BIAS = V+
BIAS = Floating
3
2.1
pA/√Hz
pA/√Hz
HD2
2nd Harmonic Distortion
fIN = 3MHz; VIN = 2VP-P Single-Ended
BIAS = V+
BIAS = Floating, RLOAD = 400Ω
–96
–80
dBc
dBc
HD3
3rd Harmonic Distortion
fIN = 3MHz; VIN = 2VP-P Single-Ended
BIAS = V+
BIAS = Floating, RLOAD = 400Ω
–114
–95
dBc
dBc


Similar Part No. - LTC6605CDJC-7-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6605CDJC-10-PBF LINER-LTC6605CDJC-10-PBF Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605CDJC-10-TRPBF LINER-LTC6605CDJC-10-TRPBF Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605CDJC-14-PBF LINER-LTC6605CDJC-14-PBF Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605CDJC-14-TRPBF LINER-LTC6605CDJC-14-TRPBF Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results

Similar Description - LTC6605CDJC-7-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-7 LINER-LTC6605-7_15 Datasheet
255Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-14 LINER-LTC6605-14_15 Datasheet
263Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-10 LINER-LTC6605-10_15 Datasheet
269Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifier
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com