Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1860CMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1860CMS8
Description  關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860CMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1860CMS8 Datasheet HTML 7Page - Linear Technology LTC1860CMS8 Datasheet HTML 8Page - Linear Technology LTC1860CMS8 Datasheet HTML 9Page - Linear Technology LTC1860CMS8 Datasheet HTML 10Page - Linear Technology LTC1860CMS8 Datasheet HTML 11Page - Linear Technology LTC1860CMS8 Datasheet HTML 12Page - Linear Technology LTC1860CMS8 Datasheet HTML 13Page - Linear Technology LTC1860CMS8 Datasheet HTML 14Page - Linear Technology LTC1860CMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1860/LTC1861
11
18601fa
APPLICATIONS INFORMATION
LTC1860 OPERATION
Operating Sequence
The LTC1860 conversion cycle begins with the rising edge
of CONV. After a period equal to tCONV, the conversion is
finished. If CONV is left high after this time, the LTC1860
goes into sleep mode drawing only leakage current. On the
falling edge of CONV, the LTC1860 goes into sample mode
and SDO is enabled. SCK synchronizes the data transfer
with each bit being transmitted from SDO on the falling
SCK edge. The receiving system should capture the data
from SDO on the rising edge of SCK. After completing the
data transfer, if further SCK clocks are applied with CONV
low, SDO will output zeros indefinitely. See Figure 1.
Analog Inputs
The LTC1860 has a unipolar differential analog input. The
converter will measure the voltage between the “IN+
and “IN” inputs. A zero code will occur when IN+ minus
INequals zero. Full scale occurs when IN+ minus IN
equals VREF minus 1LSB. See Figure 2. Both the “IN+” and
“IN” inputs are sampled at the same time, so common
mode noise on the inputs is rejected by the ADC. If “IN
is grounded and VREF is tied to VCC, a rail-to-rail input
span will result on “IN+” as shown in Figure 3.
Reference Input
The voltage on the reference input of the LTC1860 (and the
LTC1861 MSOP package) defines the full-scale range of
the A/D converter. These ADCs can operate with reference
voltages from VCC to 1V.
Figure 1. LTC1860 Operating Sequence
Figure 3. LTC1860 with Rail-to-Rail Input Span
Figure 2. LTC1860 Transfer Curve
CONV
tCONV
SCK
SDO
12
11
10
9
8
7
6
5
4
3
2
1
B11 B10
B8
B6
B4
B2
B0*
Hi-Z
Hi-Z
B9
B7
B5
B3
B1
SLEEP MODE
tSMPL
tsuCONV
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER
VIN*
*VIN = IN
+ – IN
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
1860 F02
1
2
3
4
8
7
6
5
VREF
IN+
IN
GND
VCC
SCK
SDO
CONV
LTC1860
1860 F03
VIN = 0V TO VCC
VCC
1 F
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS


Similar Part No. - LTC1860CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860CMS8 LINER-LTC1860CMS8 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1860CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com