Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6605CDJC-14-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6605CDJC-14-PBF
Description  Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6605CDJC-14-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6605CDJC-14-PBF Datasheet HTML 2Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 3Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 4Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 5Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 6Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 7Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 8Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 9Page - Linear Technology LTC6605CDJC-14-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC6605-14
6
660514f
TYPICAL PERFORMANCE CHARACTERISTICS
Harmonic Distortion
vs Input Amplitude
Harmonic Distortion vs Input
Common Mode Voltage (VS = 5V)
Differential Output Noise
vs Frequency
Harmonic Distortion
vs Frequency, BIAS High
Harmonic Distortion
vs Frequency, BIAS Floating
Channel Separation vs Frequency
Overdrive Transient Response
Harmonic Distortion vs Input
Common Mode Voltage (VS = 3V)
FREQUENCY (MHz)
0.1
–40
–50
–60
–70
–80
–90
–100
–110
–120
1
10
100
660514 G05
VIN = 2VP-P,VS = 3V
RL = 400Ω DIFFERENTIAL, GAIN = 1V/V
DIFFERENTIAL INPUT, HD2
DIFFERENTIAL INPUT, HD3
SINGLE-ENDED INPUT, HD2
SINGLE-ENDED INPUT, HD3
FREQUENCY (MHz)
0.1
–40
–50
–60
–70
–80
–90
–100
–110
–120
1
10
100
660514 G06
VIN = 2VP-P,VS = 3V
RL = 400Ω DIFFERENTIAL, GAIN = 1V/V
DIFFERENTIAL INPUT, HD2
DIFFERENTIAL INPUT, HD3
SINGLE-ENDED
INPUT, HD2
SINGLE-ENDED
INPUT, HD3
VS = 3V, BIAS TIED TO V
+,VINCM = VOCM = 1.5V,
RLOAD = 400Ω, fIN = 3MHz, GAIN = 1V/V
VIN (VP-P)
0
–120
–110
–90
–80
–70
–50
2
4
5
660514 G07
–100
–40
–60
13
6
DIFFERENTIAL INPUT, HD2
DIFFERENTIAL INPUT, HD3
SINGLE-ENDED
INPUT, HD2
SINGLE-ENDED
INPUT, HD3
VIN = 2VP-P,VOCM = 1.5V
BIAS = 3V, f = 3MHz
RL = 400Ω DIFFERENTIAL, GAIN = 1V/V
INPUT COMMON MODE VOLTAGE (V)
–0.5
–120
–110
–90
–80
–70
–50
0.5
1.5
2
2.5
660514 G08
–100
–40
–60
01
3
DIFFERENTIAL INPUT, HD2
DIFFERENTIAL INPUT, HD3
SINGLE-ENDED INPUT, HD2
SINGLE-ENDED INPUT, HD3
VIN = 2VP-P,VOCM = 2.5V
BIAS = 5V, f = 3MHz
RL = 400Ω DIFFERENTIAL, GAIN = 1V/V
INPUT COMMON MODE VOLTAGE (V)
0
–0.5
–120
–110
–90
–80
–70
–50
1.5
1
3.5
3
4.5 5
4
660514 G09
–100
–40
–60
0.5
2.5
2
DIFFERENTIAL
INPUT, HD2
DIFFERENTIAL
INPUT, HD3
SINGLE-ENDED
INPUT, HD2
SINGLE-ENDED
INPUT, HD3
FREQUENCY (MHz)
10
100
0.001
0.1
1
100
10
660514 G10
1
0.01
1
10
100
0.1
1000
OUTPUT NOISE
SPECTRAL DENSITY
INTEGRATED OUTPUT
NOISE
VS = 3V
BIAS TIED TO V+
FREQUENCY (MHz)
0.1
10
100
1000
660514 G11
–120
1
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
BIAS = V+
BIAS = FLOAT
VIN = 1VP-P,VS = 3V
RL = 400Ω DIFFERENTIAL
50ns/DIV
660514 G12
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VS = 3V, VOCM = 1.5V
BIAS = 3V, RLOAD = 400Ω
+OUT
–OUT
–IN2
+IN2


Similar Part No. - LTC6605CDJC-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6605CDJC-10-PBF LINER-LTC6605CDJC-10-PBF Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605CDJC-10-TRPBF LINER-LTC6605CDJC-10-TRPBF Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results

Similar Description - LTC6605CDJC-14-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-7 LINER-LTC6605-7 Datasheet
249Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14_15 Datasheet
263Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-7 LINER-LTC6605-7_15 Datasheet
255Kb / 20P
   Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-10 LINER-LTC6605-10_15 Datasheet
269Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifier
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com