Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1864AHMS8-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1864AHMS8-PBF
Description  關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864AHMS8-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC1864AHMS8-PBF Datasheet HTML 1Page - Linear Technology LTC1864AHMS8-PBF Datasheet HTML 2Page - Linear Technology LTC1864AHMS8-PBF Datasheet HTML 3Page - Linear Technology LTC1864AHMS8-PBF Datasheet HTML 4Page - Linear Technology LTC1864AHMS8-PBF Datasheet HTML 5Page - Linear Technology LTC1864AHMS8-PBF Datasheet HTML 6Page - Linear Technology LTC1864AHMS8-PBF Datasheet HTML 7Page - Linear Technology LTC1864AHMS8-PBF Datasheet HTML 8Page - Linear Technology LTC1864AHMS8-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC1864/LTC1865
4
18645fb
CONVERTER AND MULTIPILEXER CHARACTERISTICS
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
87
dB
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
10kHz Input Signal
100kHz Input Signal
83
76
dB
dB
THD
Total Harmonic Distortion Up to 5th Harmonic
10kHz Input Signal
100kHz Input Signal
88
77
dB
dB
Full Power Bandwidth
20
MHz
Full Linear Bandwidth
S/(N+D) ≥ 75dB
125
kHz
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
PARAMETER
CONDITIONS
LTC1864/LTC1865
LTC1864A/LTC1865A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
l
16
16
Bits
No Missing Codes Resolution
l
14
15
Bits
INL
(Note 3)
H-Grade (Note 3)
l
l
±8
±8.5
±6
±6.5
LSB
LSB
Transition Noise
1.1
1.1
LSBRMS
Gain Error
l
±20
±20
mV
Offset Error
LTC1864 SO-8 and MSOP, LTC1865 MSOP
LTC1865 SO-8
l
l
±2
±3
±5
±7
±2
±3
±5
±7
mV
mV
Input Differential Voltage Range VIN = IN+ – IN
l
0VREF
0VREF
V
Absolute Input Range
IN+ Input
INInput
–0.05
–0.05
VCC + 0.05
VCC/2
–0.05
–0.05
VCC + 0.05
VCC/2
V
V
VREF Input Range
LTC1864 SO-8 and MSOP,
LTC1865 MSOP
1VCC
1VCC
V
Analog Input Leakage Current
(Note 4)
l
±1
±1
μA
CIN Input Capacitance
In Sample Mode
During Conversion
12
5
12
5
pF
pF
DYNAMIC ACCURACY
TA = 25°C. VCC = 5V, VREF = 5V, fSAMPLE = 250kHz, unless otherwise noted.


Similar Part No. - LTC1864AHMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864AHMS8 LINER-LTC1864AHMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864AHMS8 LINER-LTC1864AHMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864AHMS8 LINER-LTC1864AHMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
More results

Similar Description - LTC1864AHMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com