Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6652 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6652
Description  Precision Low Drift Low Noise Buffered Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652 Datasheet(HTML) 1 Page - Linear Technology

  LTC6652 Datasheet HTML 1Page - Linear Technology LTC6652 Datasheet HTML 2Page - Linear Technology LTC6652 Datasheet HTML 3Page - Linear Technology LTC6652 Datasheet HTML 4Page - Linear Technology LTC6652 Datasheet HTML 5Page - Linear Technology LTC6652 Datasheet HTML 6Page - Linear Technology LTC6652 Datasheet HTML 7Page - Linear Technology LTC6652 Datasheet HTML 8Page - Linear Technology LTC6652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6652
1
6652fb
FEATURES
APPLICATIONS
DESCRIPTION
Precision Low Drift
Low Noise
Buffered Reference
The LTC®6652 family of precision, low drift, low noise
references is fully specified over the temperature range
of –40°C to 125°C. High order curvature compensation
allows these references to achieve a low drift of less than
5ppm/°C with a predictable temperature characteristic and
an output voltage accuracy of ±0.05%. The performance
over temperature should appeal to automotive, high-
performance industrial and other high temperature
applications.
The LTC6652 voltage references can be powered from a
13.2V supply or as little as 300mV above the output voltage
or 2.7V; whichever is higher. The LTC6652 references
are offered in an 8-Lead MSOP package. They boast low
noise, excellent load regulation, source and sink capability
and exceptional line rejection, making them a superior
choice for demanding precision applications. A shutdown
mode allows power consumption to be reduced when the
reference is not needed. The optional output capacitor can
be left off when space constraints are critical.
Output Voltage Temperature Drift
n Low Drift: A Grade 5ppm/°C Max
B Grade 10ppm/°C Max
n High Accuracy: A Grade ±0.05%, B Grade ±0.1%
n Low Noise: 2.1ppmp-p (0.1Hz to 10Hz)
n 100% Tested at –40°C, 25°C and 125°C
n Sinks and Sources Current: ±5mA
n Low Power Shutdown: <2μA Maximum
n Thermal Hysteresis: 105ppm for –40°C to 125°C
Range
n Low Dropout: 300mV
n No External Load Capacitor Required
n Wide Supply Range to 13.2V
n Available Output Voltage Options: 1.25V, 2.048V,
2.5V, 3V, 3.3V, 4.096V, 5V
n 8-Lead MSOP Package
n Automotive Control and Monitoring
n High Temperature Industrial
n High Resolution Data Acquisition Systems
n Instrumentation and Process Control
n Precision Regulators
n Medical Equipment
Basic Connection
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TEMPERATURE (°C)
–40
–0.050
–0.025
0
0.025
0.050
–20
0
20
40
6652 TA01b
60
80
100
125
2.8V
VIN 13.2V
CIN
0.1 F
(OPTIONAL)
COUT
1 F
(OPTIONAL)
VOUT
2.5V
6652 TA01a
LTC6652-2.5 VOUT
VIN
GND
SHDN


Similar Part No. - LTC6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652 LINER-LTC6652 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6652 LINER-LTC6652 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC6652 LINER-LTC6652 Datasheet
1Mb / 22P
   16-Bit, 15Msps SAR ADC
LTC6652 LINER-LTC6652 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC6652 LINER-LTC6652 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC6652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Linear Technology
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com