Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6652AHMS8-2.048-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6652AHMS8-2.048-PBF
Description  Precision Low Drift Low Noise Buffered Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652AHMS8-2.048-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6652AHMS8-2.048-PBF Datasheet HTML 3Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 4Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 5Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 6Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 7Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 8Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 9Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 10Page - Linear Technology LTC6652AHMS8-2.048-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6652
7
6652fb
FREQUENCY (kHz)
0.01
0.1
1
10
6652 G32
200
0
1000
800
600
400
TIME (1 SECOND/DIV)
6652 G31
INPUT VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
4
8
10
6652 G29
0.2
0.8
0.9
0.6
2
6
12
14
125°C
–40°C
25°C
TYPICAL PERFORMANCE CHARACTERISTICS
5V Shutdown Current
vs Input Voltage
5V Minimum VIN to VOUT
Differential (Sourcing)
5V Low Frequency 0.1Hz to 10Hz
Transient Noise
5V Output Voltage Noise Spectrum
5V Start-Up Response Without
Output Capacitor
5V Output Voltage
Temperature Drift
5V Supply Current
vs Input Voltage
5V Line Regulation
5V Start-Up Response with Output
Capacitor
Characteristic curves are similar for most
LTC6652s. Curves from the LTC6652-1.25, LTC6652-2.5 and the LTC6652-5 represent the extremes and typical of the voltage options.
Characteristic curves for other output voltages fall between these curves and can be estimated based on their output.
INPUT VOLTAGE (V)
0
610
6652 G26
24
812
14
125°C
–40°C
25°C
5.000
5.001
5.002
4.999
4.998
TEMPERATURE (°C)
5.000
5.003
5.005
6652 G25
4.998
4.995
–50
25
75
150
–25
0
50
100 125
3 TYPICAL PARTS
INPUT VOLTAGE (V)
0
0
100
300
400
500
1000
700
4
8
10
6652 G27
200
800
900
600
2
6
12
14
125°C
–40°C
25°C
INPUT-OUTPUT VOLTAGE (V)
0.001
0.01
1
10
0.01
0.1
1
6652 G30
0.1
25°C
125°C
–40°C
100μs/DIV
VOUT
2V/DIV
VIN
2V/DIV
COUT = 0μF
6652 G33
100μs/DIV
VOUT
2V/DIV
VIN
2V/DIV
COUT = 1μF
6652 G34


Similar Part No. - LTC6652AHMS8-2.048-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.048 LINER-LTC6652AHMS8-2.048 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
More results

Similar Description - LTC6652AHMS8-2.048-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Linear Technology
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com