Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6652BHMS8-2.048-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6652BHMS8-2.048-PBF
Description  Precision Low Drift Low Noise Buffered Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6652BHMS8-2.048-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6652BHMS8-2.048-PBF Datasheet HTML 4Page - Linear Technology LTC6652BHMS8-2.048-PBF Datasheet HTML 5Page - Linear Technology LTC6652BHMS8-2.048-PBF Datasheet HTML 6Page - Linear Technology LTC6652BHMS8-2.048-PBF Datasheet HTML 7Page - Linear Technology LTC6652BHMS8-2.048-PBF Datasheet HTML 8Page - Linear Technology LTC6652BHMS8-2.048-PBF Datasheet HTML 9Page - Linear Technology LTC6652BHMS8-2.048-PBF Datasheet HTML 10Page - Linear Technology LTC6652BHMS8-2.048-PBF Datasheet HTML 11Page - Linear Technology LTC6652BHMS8-2.048-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6652
8
6652fb
PIN FUNCTIONS
DNC (Pin 1): Do Not Connect.
VIN (Pin 2): Power Supply. The minimum supply input is
VOUT + 300mV or 2.7V; whichever is higher. The maximum
supply is 13.2V. Bypassing VIN with a 0.1μF capacitor to
GND will improve PSRR.
SHDN (Pin 3): Shutdown Input. This active low input
powers down the device to <2μA. For normal operation
tie this pin to VIN.
GND (Pin 4): Device Ground.
VOUT (Pin 6): Output Voltage. An output capacitor is not
required. For some applications, a capacitor between 0.1μF
to 10μF can be beneficial. See the graphs in the Typical
Performance Characteristics section for further details.
GND (Pins 5,7,8): Internal function. Ground these pins.
TYPICAL PERFORMANCE CHARACTERISTICS Characteristic curves are similar for most
LTC6652s. Curves from the LTC6652-1.25, LTC6652-2.5 and the LTC6652-5 represent the extremes and typical of the voltage options.
Characteristic curves for other output voltages fall between these curves and can be estimated based on their output.
Power Supply Rejection Ratio
vs Frequency
Output Impedance vs Frequency
FREQUENCY (kHz)
0.01
–60
–50
–40
–30
–20
0.1
1
10
100
1000
6652 G07
–70
–80
–90
–100
–10
0
COUT = 0μF
COUT = 1μF
COUT = 10μF
FREQUENCY (kHz)
1
10
100
0.01
1
10
100
6652 G08
0.1
0.1
COUT = 0μF
COUT = 1μF
COUT = 10μF
SHDN Input Voltage Thresholds
vs VIN
VIN (V)
2
1.5
2.0
0.5
1.0
2.5
610
6652 G13
4
812
14
0
VTH(DN)
VTH(UP)


Similar Part No. - LTC6652BHMS8-2.048-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652BHMS8-2.048 LINER-LTC6652BHMS8-2.048 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
More results

Similar Description - LTC6652BHMS8-2.048-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655 Datasheet
508Kb / 22P
   0.25ppm Noise, Low Drift Precision Buffered Reference Family
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Linear Technology
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com