Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6910-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6910-2
Description  Digitally Controlled Programmable Gain Amplifiers in SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6910-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6910-2 Datasheet HTML 6Page - Linear Technology LTC6910-2 Datasheet HTML 7Page - Linear Technology LTC6910-2 Datasheet HTML 8Page - Linear Technology LTC6910-2 Datasheet HTML 9Page - Linear Technology LTC6910-2 Datasheet HTML 10Page - Linear Technology LTC6910-2 Datasheet HTML 11Page - Linear Technology LTC6910-2 Datasheet HTML 12Page - Linear Technology LTC6910-2 Datasheet HTML 13Page - Linear Technology LTC6910-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6910-1
LTC6910-2/LTC6910-3
10
6910123fa
DC Small-Signal Output Resistance
Gain = 0
0.4
0.4
Gain = 1
0.7
0.7
Gain = 2
1
1
Gain = 3
1.3
1.3
Gain = 4
1.6
1.6
Gain = 5
1.9
1.9
Gain = 6
2.2
2.2
Gain = 7
2.5
2.5
Gain-Bandwidth Product
Gain = 7, fIN = 200kHz
q
11
11
MHz
Wideband Noise (Referred to Input)
f = 1kHz to 200kHz
Gain = 0 Output Noise
3.8
3.8
µVRMS
Gain = 1
10.7
10.7
µVRMS
Gain = 2
7.3
7.3
µVRMS
Gain = 3
6.1
6.1
µVRMS
Gain = 4
5.3
5.3
µVRMS
Gain = 5
5.2
5.2
µVRMS
Gain = 6
4.9
4.9
µVRMS
Gain = 7
4.7
4.7
µVRMS
Voltage Noise Density (Referred to Input)
f = 50kHz
Gain = 1
24
24
nV/
√Hz
Gain = 2
16
16
nV/
√Hz
Gain = 3
14
14
nV/
√Hz
Gain = 4
12
12
nV/
√Hz
Gain = 5
11.6
11.6
nV/
√Hz
Gain = 6
11.2
11.2
nV/
√Hz
Gain = 7
10.5
10.5
nV/
√Hz
Total Harmonic Distortion
Gain = 4, fIN = 10kHz, VOUT = 1VRMS
– 90
– 90
dB
0.003
0.003
%
Gain = 4, fIN = 100kHz, VOUT = 1VRMS
– 80
– 80
dB
0.01
0.01
%
AGND (Common Mode) Input Voltage Range
VS = 2.7V
q
0.85
1.55
0.85
1.55
V
(Note 10)
VS = 5V
q
0.7
3.6
0.7
3.6
V
VS = ±5V
q
– 4.3
3.4
– 4.3
3.4
V
ELECTRICAL CHARACTERISTICS The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k
to midsupply point, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LTC6910-XC and LTC6910-XI are guaranteed functional over
the operating temperature range of – 40
°C to 85°C. The LTC6910-XH are
guaranteed functional over the operating temperature range of –40
°C to
125
°C.
Note 3: The LTC6910-XC are guaranteed to meet specified performance
from 0
°C to 70°C. The LTC6910-XC are designed, characterized and
expected to meet specified performance from – 40
°C to 85°C but are not
tested or QA sampled at these temperatures. LTC6910-XI are guaranteed
to meet specified performance from – 40
°C to 85°C. The LTC6910-XH are
guaranteed to meet specified performance from – 40
°C to 125°C.
Note 4: Operating all three logic inputs at 0.5V causes the supply current
to increase typically 0.1mA from this specification.
Note 5: Output voltage swings are measured as differences between the
output and the respective supply rail.
Note 6: Extended operation with output shorted may cause junction
temperature to exceed the 150
°C limit and is not recommended.
Note 7: Gain is measured with a DC large-signal test using an output
excursion between approximately 30% and 70% of supply voltage.
Note 8: Offset voltage referred to “IN” pin is (1 + 1/G) times offset voltage
of the internal op amp, where G is nominal gain magnitude. See Applica-
tions Information.
Note 9: Input resistance can vary by approximately
±30% part-to-part at a
given gain setting.
Note 10: At limits of AGND input range, open-loop gain of internal op amp
may be greater than, or as much as 15dB below, its value at nominal
AGND value.
LTC6910-3C/LTC6910-3I
LTC6910-3H
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Specifications for LTC6910-3 Only


Similar Part No. - LTC6910-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
More results

Similar Description - LTC6910-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6910-1 LINER-LTC6910-1_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-3 LINER-LTC6910-3_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-1 LINER-LTC6911-1 Datasheet
224Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
logo
Texas Instruments
3606BG TI-3606BG Datasheet
465Kb / 10P
[Old version datasheet]   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
3606 BURR-BROWN-3606 Datasheet
440Kb / 9P
   Digitally Controlled Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com