Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6912CGN-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6912CGN-1
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912CGN-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC6912CGN-1 Datasheet HTML 1Page - Linear Technology LTC6912CGN-1 Datasheet HTML 2Page - Linear Technology LTC6912CGN-1 Datasheet HTML 3Page - Linear Technology LTC6912CGN-1 Datasheet HTML 4Page - Linear Technology LTC6912CGN-1 Datasheet HTML 5Page - Linear Technology LTC6912CGN-1 Datasheet HTML 6Page - Linear Technology LTC6912CGN-1 Datasheet HTML 7Page - Linear Technology LTC6912CGN-1 Datasheet HTML 8Page - Linear Technology LTC6912CGN-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC6912
3
6912fa
GAI SETTI GS A D PROPERTIES
Table 1. LTC6912-1 GAIN SETTINGS AND PROPERTIES
UPPER/LOWER
NOMINAL
NIBBLE
VOLTAGE GAIN
MAXIMUM LINEAR INPUT RANGE (VP-P)
Q7
Q6
Q5
Q4
Dual 5V
Single 5V
Single 3V
NOMINAL INPUT NOMINAL OUTPUT
Q3
Q2
Q1
Q0
Volts/Volt
dB
Supply
Supply
Supply
IMPEDANCE (k
Ω) IMPEDANCE (Ω)
0000
0
–120
10
5
3
(Open)
0.4
0001
–1
0
10
5
3
10
0.7
0010
–2
6
5
2.5
1.5
5
3.4
0011
–5
14
2
1
0.6
2
3.4
0100
–10
20
1
0.5
0.3
1
3.4
0101
–20
26
0.5
0.25
0.15
1
6.4
0110
–50
34
0.2
0.1
0.06
1
15
0111
–100
40
0.1
0.05
0.03
1
30
1
0
X
X
0
–120
10
5
3
(Open)
(Open)
1
1
X
X
Not Used (Note 11)
Not Used
Table 2. LTC6912-2 GAIN SETTINGS AND PROPERTIES
UPPER/LOWER
NOMINAL
NIBBLE
VOLTAGE GAIN
MAXIMUM LINEAR INPUT RANGE (VP-P)
Q7
Q6
Q5
Q4
Dual 5V
Single 5V
Single 3V
NOMINAL INPUT NOMINAL OUTPUT
Q3
Q2
Q1
Q0
Volts/Volt
dB
Supply
Supply
Supply
IMPEDANCE (k
Ω) IMPEDANCE (Ω)
0000
0
–120
10
5
3
(Open)
0.4
0001
–1
0
10
5
3
10
0.7
0010
–2
6
5
2.5
1.5
5
3.4
0011
– 4
12
2.5
1.25
0.75
2.5
3.4
0100
–8
18.1
1.25
0.625
0.375
1.25
3.4
0101
–16
24.1
0.625
0.3125
0.188
1.25
6.4
0110
–32
30.1
0.3125
0.156
0.094
1.25
15
0111
–64
36.1
0.156
0.078
0.047
1.25
30
1
0
X
X
0
–120
10
5
3
(Open)
(Open)
1
1
X
X
Not Used (Note 11)
Not Used


Similar Part No. - LTC6912CGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
More results

Similar Description - LTC6912CGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-1 LINER-LTC6911-1 Datasheet
224Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
logo
Analog Devices
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com