Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTK001CN8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTK001CN8
Description  Thermocouple Cold Junction Compensator and Matched Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTK001CN8 Datasheet(HTML) 4 Page - Linear Technology

  LTK001CN8 Datasheet HTML 1Page - Linear Technology LTK001CN8 Datasheet HTML 2Page - Linear Technology LTK001CN8 Datasheet HTML 3Page - Linear Technology LTK001CN8 Datasheet HTML 4Page - Linear Technology LTK001CN8 Datasheet HTML 5Page - Linear Technology LTK001CN8 Datasheet HTML 6Page - Linear Technology LTK001CN8 Datasheet HTML 7Page - Linear Technology LTK001CN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTK001
001fa
COMPENSATOR (LT1025)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Error at 10mV/°C Output (Note 9)
TJ = 25°C, LTK001A
0.3
0.5
°C
TJ = 25°C, LTK001
0.5
2.0
°C
Full Temperature Span
Temperature Error at Individual Outputs (Note 10)
LTK001A: E, J, K, T
0.4
0.75
°C
LTK001A: R, S
0.4
1.5
°C
LTK001: E, J, K, T
0.8
2.4
°C
LTK001: R, S
1.2
3.5
°C
Full Temperature Span
Supply Current
4V ≤ VIN ≤ 36V
80
100
µA
0°C ≤ TJ ≤ 70°C
150
µA
– 55°C ≤ TJ ≤ 125°C
200
µA
Change in Supply Current
4V ≤ VIN ≤ 36V
0.01
0.05
µA/V
Line Regulation (Note 11)
4V ≤ VIN ≤ 36V
0.003
0.02
°C/V
10mV/°C Output
Load Regulation (Note 11)
0 ≤ IO ≤ 1mA
0.04
0.2
°C
10mV/°C Output
Divider Impedance
E
2.5
kΩ
J
2.1
kΩ
K, T
4.4
kΩ
R, S
3.8
kΩ
ELECTRICAL CHARACTERISTICS
The
denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = 5V unless otherwise noted.
(Compensator LT1025)
See Curve on LT1025 Data Sheet
See Curve on LT1025 Data Sheet


Similar Part No. - LTK001CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTK001CN LINER-LTK001CN Datasheet
286Kb / 4P
   Thermocouple Cold Junction Compensator and Matched Amplifier
More results

Similar Description - LTK001CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTK001 LINER-LTK001 Datasheet
286Kb / 4P
   Thermocouple Cold Junction Compensator and Matched Amplifier
LTK001 LINER-LTK001_15 Datasheet
110Kb / 8P
   Thermocouple Cold Junction Compensator and Matched Amplifier
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
logo
Analog Devices
AC1226 AD-AC1226_15 Datasheet
395Kb / 4P
   MICROPOWER THERMOCOUPLE COLD JUNCTION COMPENSATOR
REV. A
AC1226 AD-AC1226 Datasheet
374Kb / 4P
   Micropower Thermocouple Cold Junction Compensator
logo
Linear Technology
LT1025 LINER-LT1025_03 Datasheet
193Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
LT1025ACJ8 LINER-LT1025ACJ8 Datasheet
182Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
LT1025 LINER-LT1025 Datasheet
656Kb / 8P
   Micropower Thermocouple Cold Junction Compensator
logo
List of Unclassifed Man...
2B56 ETC1-2B56 Datasheet
37Kb / 1P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Intronics Power, Inc.
2B56 INTRONICS-2B56 Datasheet
1Mb / 4P
   High Accuracy, Thermocouple Cold Junction Compensator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com