Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4601EV-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4601EV-PBF
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601EV-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4601EV-PBF Datasheet HTML 7Page - Linear Technology LTM4601EV-PBF Datasheet HTML 8Page - Linear Technology LTM4601EV-PBF Datasheet HTML 9Page - Linear Technology LTM4601EV-PBF Datasheet HTML 10Page - Linear Technology LTM4601EV-PBF Datasheet HTML 11Page - Linear Technology LTM4601EV-PBF Datasheet HTML 12Page - Linear Technology LTM4601EV-PBF Datasheet HTML 13Page - Linear Technology LTM4601EV-PBF Datasheet HTML 14Page - Linear Technology LTM4601EV-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM4601/LTM4601-1
11
4601f
APPLICATIO S I FOR ATIO
For a buck converter, the switching duty-cycle can be
estimated as:
D
V
V
OUT
IN
=
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
I
I
DD
CIN RMS
OUT MAX
()
()
%
••
=
()
η
1
In the above equation,
η% is the estimated efficiency of
the power module. CIN can be a switcher-rated electrolytic
aluminum capacitor, OS-CON capacitor or high volume
ceramic capacitor. Note the capacitor ripple current rat-
ings are often based on temperature and hours of life. This
makes it advisable to properly derate the input capacitor,
or choose a capacitor rated at a higher temperature than
required. Always contact the capacitor manufacturer for
derating requirements.
In Figure 18, the 10µF ceramic capacitors are together
used as a high frequency input decoupling capacitor. In a
typical 12A output application, three very low ESR, X5R or
X7R, 10µF ceramic capacitors are recommended. These
decoupling capacitors should be placed directly adjacent
to the module input pins in the PCB layout to minimize
the trace inductance and high frequency AC noise. Each
10µF ceramic is typically good for 2A to 3A of RMS ripple
current. Refer to your ceramics capacitor catalog for the
RMS current ratings.
Multiphase operation with multiple LTM4601 devices in
parallel will lower the effective input RMS ripple current due
to the interleaving operation of the regulators. Application
Note 77 provides a detailed explanation. Refer to Figure 2
for the input capacitor ripple current requirement as a
function of the number of phases. The figure provides a
ratio of RMS ripple current to DC load current as function
of duty cycle and the number of paralleled phases. Pick
the corresponding duty cycle and the number of phases
to arrive at the correct ripple current value. For example,
the 2-phase parallel LTM4601 design provides 24A at 2.5V
output from a 12V input. The duty cycle is DC = 2.5V/12V
= 0.21. The 2-phase curve has a ratio of ~0.25 for a duty
cycle of 0.21. This 0.25 ratio of RMS ripple current to a
DC load current of 24A equals ~6A of input RMS ripple
current for the external input capacitors.
Output Capacitors
The LTM4601 is designed for low output voltage ripple.
The bulk output capacitors defined as COUT are chosen
with low enough effective series resistance (ESR) to meet
the output voltage ripple and transient requirements. COUT
can be a low ESR tantalum capacitor, a low ESR polymer
capacitor or a ceramic capacitor. The typical capacitance is
200µF if all ceramic output capacitors are used. Additional
output filtering may be required by the system designer,
if further reduction of output ripple or dynamic transient
spike is required. Table 2 shows a matrix of different output
voltages and output capacitors to minimize the voltage
droop and overshoot during a 5A/µs transient. The table
optimizes total equivalent ESR and total bulk capacitance
to maximize transient performance.
Figure 2. Normalized Input RMS Ripple Current
vs Duty Factor for One to Six Modules (Phases)
DUTY FACTOR (VOUT/VIN)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.6
0.5
0.4
0.3
0.2
0.1
0
4601 F02
6-PHASE
4-PHASE
12-PHASE
3-PHASE
2-PHASE
1-PHASE


Similar Part No. - LTM4601EV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4601 LINER-LTM4601 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601 LINER-LTM4601 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4601EV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com