Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4601AEV-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4601AEV-PBF
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AEV-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTM4601AEV-PBF Datasheet HTML 1Page - Linear Technology LTM4601AEV-PBF Datasheet HTML 2Page - Linear Technology LTM4601AEV-PBF Datasheet HTML 3Page - Linear Technology LTM4601AEV-PBF Datasheet HTML 4Page - Linear Technology LTM4601AEV-PBF Datasheet HTML 5Page - Linear Technology LTM4601AEV-PBF Datasheet HTML 6Page - Linear Technology LTM4601AEV-PBF Datasheet HTML 7Page - Linear Technology LTM4601AEV-PBF Datasheet HTML 8Page - Linear Technology LTM4601AEV-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM4601A/LTM4601A-1
5
4601afb
Efficiency vs Load Current
with 5VIN
Efficiency vs Load Current
with 12VIN
Efficiency vs Load Current
with 20VIN
1.2V Transient Response
1.5V Transient Response
2.5V Transient Response
3.3V Transient Response
(See Figure 18 for all curves)
1.8V Transient Response
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0
75
80
85
15
4601A G01
70
65
60
55
50
510
90
95
100
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
LOAD CURRENT (A)
0
50
55
65
70
75
100
85
5
10
4601A G02
60
90
95
80
15
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
5VOUT
LOAD CURRENT (A)
0
100
90
95
85
80
75
70
65
60
55
50
4601A G03
5
10
15
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
5.0VOUT
VOUT
50mV/DIV
20μs/DIV
4601A G04
IOUT
5A/DIV
1.2V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT
50mV/DIV
20μs/DIV
4601A G05
IOUT
5A/DIV
1.5V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT
50mV/DIV
20μs/DIV
4601A G06
IOUT
5A/DIV
1.8V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT
50mV/DIV
20μs/DIV
4601A G07
IOUT
5A/DIV
2.5V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT
50mV/DIV
20μs/DIV
4601A G08
IOUT
5A/DIV
3.3V AT 6A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF


Similar Part No. - LTM4601AEV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601A LINER-LTM4601A Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601A LINER-LTM4601A Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601A LINER-LTM4601A Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601A LINER-LTM4601A Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4601A LINER-LTM4601A Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM4601AEV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com