Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4601EV-1-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4601EV-1-PBF
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601EV-1-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTM4601EV-1-PBF Datasheet HTML 1Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 2Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 3Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 4Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 5Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 6Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 7Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 8Page - Linear Technology LTM4601EV-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4601/LTM4601-1
3
4601f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCC
VIN = 12V, RUN > 2V
No Load
4.7
5
5.3
V
Output Specifications
IOUTDC
Output Continuous Current Range
(See Output Current Derating Curves
for Different VIN, VOUT and TA)
VIN = 12V, VOUT = 1.5V
0
12
A
ΔVOUT(LINE)
VOUT(MIN)
Line Regulation Accuracy
VOUT = 1.5V, IOUT = 0A, VIN from 4.5V to 20V
0.3
%
ΔVOUT(0A-12A)
VOUT(MIN)
Load Regulation Accuracy
VOUT = 1.5V, 0A to 12A
VIN = 12V, Remote Sense Amplifier
VIN = 12V (LTM4601-1)
0.25
1
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 2×, 100µF/X5R/Ceramic
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
20
18
mVP-P
mVP-P
fS
Output Ripple Voltage Frequency
IOUT = 5A, VIN = 12V, VOUT = 1.5V
850
kHz
ΔVOUT(START)
Turn-On Overshoot,
TRACK/SS = 10nF
COUT = 200µF, VOUT = 1.5V, IOUT = 0A
VIN = 12V
VIN = 5V
20
20
mV
mV
tSTART
Turn-On Time, TRACK/SS = Open
COUT = 200µF, VOUT = 1.5V, IOUT = 1A
Resisitive Load
VIN = 12V
VIN = 5V
0.5
0.7
ms
ms
ΔVOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 2 × 22µF/Ceramic, 470µF, 4V Sanyo
POSCAP
VIN = 12V
VIN = 5V
35
35
mV
mV
tSETTLE
Settling Time for Dynamic Load Step Load: 0% to 50%, or 50% to 0% of Full Load
VIN = 12V
25
µs
IOUTPK
Output Current Limit
COUT = 200µF, Table 2
VIN = 12V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
17
17
A
A
Remote Sense Amp (Note 3) (LTM4601 Only, Not Supported in the LTM4601-1)
VOSNS
+, VOSNS–
CM Range
Common Mode Input Voltage Range VIN = 12V, RUN > 2V
0
INTVCC – 1
V
DIFFVOUT Range
Output Voltage Range
VIN = 12V, DIFF OUT Load = 100k
0
INTVCC
V
VOS
Input Offset Voltage Magnitude
1.25
mV
AV
Differential Gain
1V/V
GBP
Gain Bandwidth Product
3MHz
SR
Slew Rate
2
V/µs
RIN
Input Resistance
VOSNS
+ to GND
20
k
Ω
CMRR
Common Mode Rejection Mode
100
dB
Control Stage
VFB
Error Amplifier Input Voltage
Accuracy
IOUT = 0A, VOUT = 1.5V
0.594
0.6
0.606
V
VRUN
RUN Pin On/Off Threshold
1
1.5
1.9
V
ISS/TRACK
Soft-Start Charging Current
VSS/TRACK = 0V
–1.0
–1.5
–2.0
µA
tON(MIN)
Minimum On Time
(Note 4)
50
100
ns
The
denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTM4601EV-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4601 LINER-LTM4601 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601 LINER-LTM4601 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4601EV-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com