Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1760 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1760_1 Datasheet HTML 4Page - Linear Technology LTC1760_1 Datasheet HTML 5Page - Linear Technology LTC1760_1 Datasheet HTML 6Page - Linear Technology LTC1760_1 Datasheet HTML 7Page - Linear Technology LTC1760_1 Datasheet HTML 8Page - Linear Technology LTC1760_1 Datasheet HTML 9Page - Linear Technology LTC1760_1 Datasheet HTML 10Page - Linear Technology LTC1760_1 Datasheet HTML 11Page - Linear Technology LTC1760_1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
LTC1760
8
1760f
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Charging Current
Load Dump
Load Regulation
IOUT (A)
0
0
10
30
40
50
100
70
0.025
0.10
1760 G07
20
80
90
60
0.50
2.5
4.0
TIME (ms)
–4 –2
14
12
10
8
6
4
2
0
1760 G08
4
2
10 12 14 16
0
68
VIN = 20V
VDAC = 12.29V
IDAC = 3000mA
LOAD CURRENT = 1A
TA = 25°C
BAT1
OUTPUT
LOAD
CONNECTED
LOAD
DISCONNECTED
CHARGE CURRENT (mA)
0
4000
1760 G09
1000
2000
3000
12.4
12.3
12.2
12.1
12.0
11.9
11.8
11.7
11.6
VIN = 20V
VDAC = 12.288V
IDAC = 4000mA
TA = 25°C
Power Path Switching 1 and 2
TIME (µs)
16
15
14
13
12
11
10
9
8
7
6
1960 G10
–50 –40 –30
–10
0
10 20
30 40 50
–20
CLOAD = 20µF
ILOAD = 0.8A
TA = 25°C
LOPWR
THRESHOLD
1µs/DIV
1760 G11
5V
0V
RPULLUP = 15k
LTC1760
VCC = 5V
CLD = 200pF
TA = 25°C
Input Power Related
SCN (Pin 4): PowerPath Current Sensing Negative Input.
This pin should be connected directly to the “bottom”
(output side) of the low valued resistor in series with the
three PowerPath switch pairs, for detecting short-circuit
current events. Also powers the LTC1760 internal circuitry
when all other sources are absent.
SCP (Pin 5): PowerPath Current Sensing Positive Input.
This pin should be connected directly to the “top” (switch
side) of the low valued resistor in series with the three
PowerPath switch pairs, for detecting short-circuit cur-
rent events.
PI FU CTIO S
GDCO (Pin 6): DCIN Output Switch Gate Drive. Together
with GDCI, this pin drives the gate of the P-channel switch
in series with the DCIN input switch.
GDCI (Pin 7): DCIN Input Switch Gate Drive. Together with
GDCO, this pin drives the gate of the P-channel switch
connected to the DCIN input.
GB1O (Pin 8): BAT1 Output Switch Gate Drive. Together
with GB1I, this pin drives the gate of the P-channel switch
in series with the BAT1 input switch.
GB1I (Pin 9): BAT1 Input Switch Gate Drive. Together with
GB1O, this pin drives the gate of the P-channel switch
connected to the BAT1 input.
SMBus Accelerator Operation


Similar Part No. - LTC1760_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760_11 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
More results

Similar Description - LTC1760_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_11 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
220Kb / 8P
   MAX1259 Battery Manager
19-4638; Rev 1; 4/94
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
   Battery Manager Chip
111999
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com