Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4600HVIV-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4600HVIV-TRPBF
Description  10A, 28VIN High Effi ciency DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600HVIV-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTM4600HVIV-TRPBF Datasheet HTML 1Page - Linear Technology LTM4600HVIV-TRPBF Datasheet HTML 2Page - Linear Technology LTM4600HVIV-TRPBF Datasheet HTML 3Page - Linear Technology LTM4600HVIV-TRPBF Datasheet HTML 4Page - Linear Technology LTM4600HVIV-TRPBF Datasheet HTML 5Page - Linear Technology LTM4600HVIV-TRPBF Datasheet HTML 6Page - Linear Technology LTM4600HVIV-TRPBF Datasheet HTML 7Page - Linear Technology LTM4600HVIV-TRPBF Datasheet HTML 8Page - Linear Technology LTM4600HVIV-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4600HV
4
4600hvfc
LOAD CURRENT (A)
0
50
60
70
6
4600hv G02
40
30
24
8
80
90
100
10
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
Efficiency vs Load Current
with 5VIN (FCB = 0)
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (A)
0
100
90
80
70
60
50
40
30
6
4600hv G01
24
810
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
Efficiency vs Load Current
with 12VIN (FCB = 0)
Efficiency vs Load Current
with 24VIN (FCB = 0)
LOAD CURRENT (A)
0
6
4600hv G03
24
8
10
80
90
100
70
60
50
40
30
1.8VOUT
2.5VOUT
3.3VOUT
5VOUT
Efficiency vs Load Current
with Different FCB Settings
LOAD CURRENT (A)
20
50
40
30
90
80
70
60
4600hv G04
0.1
10
1
FCB = GND
FCB > 0.7V
VIN = 12V
VOUT = 1.5V
1.2V Transient Response
1.5V Transient Response
1.8V Transient Response
2.5V Transient Response
3.3V Transient Response
25μs/DIV
4600hv G05
1.2V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
25μs/DIV
4600hv G06
1.5V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
25μs/DIV
4600hv G07
1.8V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
25μs/DIV
4600hv G08
2.5V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
25μs/DIV
4600hv G09
3.3V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT = 50mV/DIV
IOUT = 5A/DIV
(See Figure 21 for all curves)


Similar Part No. - LTM4600HVIV-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600HV LINER-LTM4600HV Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4600HV LINER-LTM4600HV Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
LTM4600HVMP LINER-LTM4600HVMP Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4600HVMP LINER-LTM4600HVMP Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4600HVMPV LINER-LTM4600HVMPV Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM4600HVIV-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4600HV LINER-LTM4600HV_15 Datasheet
452Kb / 26P
   10A, 28VIN High Efficiency DC/DC Module
LTM4606 LINER-LTM4606 Datasheet
345Kb / 24P
   Ultralow EMI 28VIN, 6A DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com