Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4601AIV-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4601AIV-PBF
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AIV-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4601AIV-PBF Datasheet HTML 3Page - Linear Technology LTM4601AIV-PBF Datasheet HTML 4Page - Linear Technology LTM4601AIV-PBF Datasheet HTML 5Page - Linear Technology LTM4601AIV-PBF Datasheet HTML 6Page - Linear Technology LTM4601AIV-PBF Datasheet HTML 7Page - Linear Technology LTM4601AIV-PBF Datasheet HTML 8Page - Linear Technology LTM4601AIV-PBF Datasheet HTML 9Page - Linear Technology LTM4601AIV-PBF Datasheet HTML 10Page - Linear Technology LTM4601AIV-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM4601A/LTM4601A-1
7
4601afb
(See Package Description for Pin Assignment)
VIN (Bank 1): Power Input Pins. Apply input voltage be-
tween these pins and PGND pins. Recommend placing
input decoupling capacitance directly between VIN pins
and PGND pins.
VOUT (Bank 3): Power Output Pins. Apply output load
between these pins and PGND pins. Recommend placing
output decoupling capacitance directly between these pins
and PGND pins. Review the figure below.
PGND (Bank 2): Power ground pins for both input and
output returns.
VOSNS– (Pin M12): (–) Input to the Remote Sense Amplifier.
This pin connects to the ground remote sense point. The
remote sense amplifier is used for VOUT ≤3.3V.
NC1 (Pin M12): No Connect On the LTM4601A-1.
VOSNS+ (Pin J12): (+) Input to the Remote Sense Amplifier.
This pin connects to the output remote sense point. The
remote sense amplifier is used for VOUT ≤3.3V.
NC2 (Pin J12): No Connect On the LTM4601A-1.
DIFFVOUT (Pin K12): Output of the Remote Sense Ampli-
fier. This pin connects to the VOUT_LCL pin.
NC3 (Pin K12): No Connect On the LTM4601A-1.
DRVCC (Pin E12): This pin normally connects to INTVCC
for powering the internal MOSFET drivers. This pin can
be biased up to 6V from an external supply with about
50mA capability, or an external circuit shown in Figure 16.
This improves efficiency at the higher input voltages by
reducing power dissipation in the module.
INTVCC (Pin A7, D9): This pin is for additional decoupling
of the 5V internal regulator. These pins are internally
connected. Pin A7 is a test pin.
PLLIN (Pin A8): External Clock Synchronization Input to
the Phase Detector. This pin is internally terminated to
SGND with a 50k resistor. Apply a clock above 2V and
below INTVCC. See Applications Information.
TRACK/SS (Pin A9): Output Voltage Tracking and Soft-
Start Pin. When the module is configured as a master
output, then a soft-start capacitor is placed on this pin
to ground to control the master ramp rate. A soft-start
capacitor can be used for soft-start turn on as a stand
alone regulator. Slave operation is performed by putting
a resistor divider from the master output to the ground,
and connecting the center point of the divider to this pin.
See Applications Information.
MPGM (Pins A12, B11): Programmable Margining Input.
A resistor from this pin to ground sets a current that is
equal to 1.18V/R. This current multiplied by 10kΩ will
equal a value in millivolts that is a percentage of the 0.6V
reference voltage. See Applications Information. To parallel
LTM4601As, each requires an individual MPGM resistor.
Do not tie MPGM pins together. Both pins are internally
connected. Pin A12 is a test pin.
fSET (Pins B12, C11): Frequency Set Internally to 850kHz.
An external resistor can be placed from this pin to ground
to increase frequency. This pin can be decoupled with a
1000pF capacitor. See Applications Information for fre-
quency adjustment. Both pins are internally connected.
Pin B12 is a test pin.
VFB (Pin F12): The Negative Input of the Error Amplifier.
Internally, this pin is connected to VOUT_LCL pin with a
60.4k precision resistor. Different output voltages can be
programmed with an additional resistor between VFB and
SGND pins. See Applications Information.
MARG0 (Pin C12): This pin is the LSB logic input for the
margining function. Together with the MARG1 pin will
determine if margin high, margin low or no margin state
is applied. The pin has an internal pull-down resistor of
50k. See Applications Information.
PIN FUNCTIONS
VIN
BANK 1
1
A
B
C
D
E
F
G
H
J
K
L
M
234567
*LTM4601A-1 ONLY
8
9 10 11 12
PGND
BANK 2
VOUT
BANK 3
VOSNS
+/NC2*
VOSNS
/NC1*
DIFFVOUT/NC3*
VOUT_LCL
SGND
fSET
MARG0
MARG1
DRVCC
INTVCC
VFB
PGOOD
TOP VIEW
MTP1
MTP2
MTP3


Similar Part No. - LTM4601AIV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601A LINER-LTM4601A Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601A LINER-LTM4601A Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601A LINER-LTM4601A Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601A LINER-LTM4601A Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4601A LINER-LTM4601A Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM4601AIV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com