Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1760CFW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1760CFW
Description  Dual Smart Battery System Manager
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760CFW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1760CFW Datasheet HTML 2Page - Linear Technology LTC1760CFW Datasheet HTML 3Page - Linear Technology LTC1760CFW Datasheet HTML 4Page - Linear Technology LTC1760CFW Datasheet HTML 5Page - Linear Technology LTC1760CFW Datasheet HTML 6Page - Linear Technology LTC1760CFW Datasheet HTML 7Page - Linear Technology LTC1760CFW Datasheet HTML 8Page - Linear Technology LTC1760CFW Datasheet HTML 9Page - Linear Technology LTC1760CFW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LTC1760
6
1760f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V, VVCC2 = 5.2V
unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2. Battery voltage must be adequate to drive gates of power path
P-channel FET switches. This does not affect charging voltage of the
battery, which can be zero volts during wake-up charging.
Note 3. DCIN, BAT1, BAT2 are held at 12V and GDCI, GB1I, GB2I are
forced to 10.5V. SCP is set at 12V to measure source current at GDCI,
GB1I and GB2I. SCP is set at 11.9V to measure sink current at GDCI, GB1I
and GB2I.
Note 4. Extrapolated from testing with CL = 50pF.
Note 5. Accuracy dependent upon external sense resistor and
compensation components.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 6. The LTC1760C is guaranteed to meet specified performance from
0°C to 70°C and is designed, characterized and expected to meet specified
performance at –40°C and 85°C, but is not tested at these extended
temperature limits.
Note 7. Charger servos to the value reported by a Voltage() query. This is
the internal cell voltage measured by the battery electronics and may be
lower than the terminal voltage. See “Operation Section 3.6” for more
information.
Note 8. CLOAD is the combined capacitance on the host’s SMBus
connection and the selected battery’s SMBus connection.
Note 9. CLOAD_MAX is the maximum allowed combined capacitance on
THxA, THxB and the battery’s SafetySignalx connections.
SCL/SCL1/SCL2/SDA/SDA1/ SDA2/
VVCC2 = 0V, VVDDS = 0V,
2uA
SMBALERT Power Down Leakage
VSCL, VSCL1, VSCL2, VSDA,
VSDA1, VSDA2, VSMBALERT = 5.5V
SMBALERT Output Low Voltage (VOL)IPULLUP = 500µA
0.4
V
SMBALERT Output Pull-Up Current
VSMBALERT = 0.4V
3.5
10
17.5
µA
VIL_VDDS
VDDS Input Low Voltage (VIL)
1.5
V
VIH_VDDS
VDDS Input High Voltage (VIH)
2.6
V
VDDS Operating Voltage
3
5.5
V
VDDS Operating Current
VSCL, VSDA = VVDDS , VVDDS = 5V
18
µA
VIL_MODE
MODE Input Low Voltage (VIL)VVCC2 = 4.85V
VVCC2 • 0.3
V
VIH_MODE
MODE Input High Voltage (VIH)VVCC2 = 4.85V
VVCC2 • 0.7
V
MODE Input Current (IIH)
MODE = VVCC2 • 0.7V, VVCC2 = 4.85V
–1
1
µA
MODE Input Current (IIL)
MODE = VVCC2 • 0.3V, VVCC2 = 4.85V
–1
1
µA
Charger Timing
tTIMEOUT
Timeout for Wake-Up Charging and
140
175
210
sec
Controlled Charging
tQUERY
Sampling Rate Used by the LTC1760 to
1
sec
Update Charging Parameters
SMBus Timing
SCL Serial-Clock High Period(tHIGH)
At IPULLUP = 350µA, CLOAD = 150pF (Note 8)
4
µs
SCL Serial-Clock Low Period (tLOW)
At IPULLUP = 350µA, CLOAD = 150pF (Note 8)
4.7
µs
SDA/SCL Rise Time (tr)CLOAD = 150pF, RPU = 9.31k (Note 8)
1000
ns
SDA/SCL Fall Time (tf)CLOAD = 150pF, RPU = 9.31k (Note 8)
300
ns
SMBus Accelerator Trip Voltage Range
0.8
1.42
V
Start-Condition Setup Time (tSU:STA)
4.7
µs
Start-Condition Hold Time (tHD:STA)
4
µs
SDA to SCL Rising-Edge
250
ns
Setup Time (tSU:DAT)
SDA to SCL Falling-Edge Hold Time,
300
ns
Slave Clocking in Data (tHD:DAT)
tTIMEOUT_SMB The LTC1760 will Release the SMBus
25
35
ms
and Terminate the Current Master or
Slave Command if the Command is not
Completed Before this Time


Similar Part No. - LTC1760CFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760CFW LINER-LTC1760CFW Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
More results

Similar Description - LTC1760CFW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_11 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
220Kb / 8P
   MAX1259 Battery Manager
19-4638; Rev 1; 4/94
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
   Battery Manager Chip
111999
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com