Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4601AHVIV-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4601AHVIV-PBF
Description  12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AHVIV-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTM4601AHVIV-PBF Datasheet HTML 1Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 2Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 3Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 4Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 5Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 6Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 7Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 8Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4601AHV
1
4601ahvf
LOAD CURRENT (A)
0
45
50
60
65
70
95
12VIN
12VIN
24VIN
24VIN
80
4
8
10
4601AHV TA01b
55
85
90
75
0
1
6
3
4
5
2
2
6
12
14
POWER LOSS
EFFICIENCY
TYPICAL APPLICATION
APPLICATIONS
FEATURES
DESCRIPTION
12A, 28VIN DC/DC µModule
with PLL, Output Tracking
and Margining
n Telecom, Industrial and Networking Equipment
n Military and Avionics Systems
n Complete Switch Mode Power Supply
n Wide Input Voltage Range: 4.5V to 28V
n 12A DC Typical, 14A Peak Output Current
n 0.6V to 5V Output Voltage
n Output Voltage Tracking and Margining
n Redundant Mounting Pads for Enhanced Solder-
Joint Strength
n Parallel Multiple μModulesTM for Current Sharing
n Differential Remote Sensing for Precision Regulation
n PLL Frequency Synchronization
n ±1.5% Total DC Error
n Current Foldback Protection (Disabled at Start-Up)
n Pb-Free (e4) RoHS Compliant Package with Gold
Finish Pads
n –55°C to 125°C Operating Temperature Range
(LTM4601AHVMPV)
n Ultrafast™ Transient Response
n Up to 95% Efficiency at 5VIN, 3.3VOUT
n Programmable Soft-Start
n Output Overvoltage Protection
n Enhanced (15mm
× 15mm × 2.8mm) Surface Mount
LGA Package
2.5V/12A Power Supply with 4.5V to 28V Input
Efficiency and Power Loss
vs Load Current
The LTM®4601AHV is a complete 12A step-down switch
mode DC/DC power supply with onboard switching
controller, MOSFETs, inductor and all support compo-
nents. The μModule is housed in a small surface mount
15mm
× 15mm × 2.8mm LGA package. The LTM4601AHV
LGA package is designed with redundant mounting pads
to enhance solder-joint strength for extended temperature
cycling endurance. Operating over an input voltage range
of 4.5 to 28V, the LTM4601AHV supports an output volt-
age range of 0.6V to 5V as well as output voltage tracking
and margining. The high efficiency design delivers 12A
continuous current (14A peak). Only bulk input and output
capacitors are needed to complete the design.
The low profile (2.8mm) and light weight (1.7g) pack-
age easily mounts in unused space on the back side of
PC boards for high density point of load regulation. The
μModule can be synchronized with an external clock for
reducing undesirable frequency harmonics and allows
PolyPhase® operation for high load currents.
An onboard differential remote sense amplifier can be
used to accurately regulate an output voltage independent
of load current.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. PolyPhase is
a registered trademark of Linear Technology Corporation. μModule and Ultrafast are trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners. Protected by U.S. Patents including 5481178, 5847554, 6580258, 6304066, 6476589,
6774611, 6677210.
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
PGOOD
RUN
COMP
INTVCC
DRVCC
MPGM
TRACK/SS
PLLIN
LTM4601AHV
ON/OFF
R1
392k
RSET
19.1k
MARGIN
CONTROL
COUT
4601AHV TA01a
VOUT
2.5V
12A
CLOCK SYNC
TRACK/SS CONTROL
100pF
CIN
VIN
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 28V


Similar Part No. - LTM4601AHVIV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
More results

Similar Description - LTM4601AHVIV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com