Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4601AHVIV-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4601AHVIV-PBF
Description  12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601AHVIV-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4601AHVIV-PBF Datasheet HTML 6Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 7Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 8Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 9Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 10Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 11Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 12Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 13Page - Linear Technology LTM4601AHVIV-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM4601AHV
10
4601ahvf
The typical LTM4601AHV application circuits are shown in
Figures 19 and 20. External component selection is primar-
ily determined by the maximum load current and output
voltage. Refer to Table 2 for specific external capacitor
requirements for a particular application.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step
down ratio that can be achieved for a given input voltage.
These constraints are shown in the Typical Performance
Characteristics curves labeled “VIN to VOUT Step-Down
Ratio”. Note that additional thermal derating may apply. See
the Thermal Considerations and Output Current Derating
section of this data sheet.
Output Voltage Programming and Margining
The PWM controller has an internal 0.6V reference voltage.
As shown in the Block Diagram, a 1M and a 60.4k 0.5%
internal feedback resistor connects VOUT and VFB pins
together. The VOUT_LCL pin is connected between the 1M
and the 60.4k resistor. The 1M resistor is used to protect
against an output overvoltage condition if the VOUT_LCL
pin is not connected to the output, or if the remote sense
amplifier output is not connected to VOUT_LCL. The output
voltage will default to 0.6V. Adding a resistor RSET from the
VFB pin to SGND pin programs the output voltage:
VV
kR
R
OUT
SET
SET
=
+
06
60 4
.
.
Table 1. Standard 1% Resistor Values
RSET
(kΩ)
Open
60.4
40.2
30.1
25.5
19.1
13.3
8.25
VOUT
(V)
0.6
1.2
1.5
1.8
2
2.5
3.3
5
The MPGM pin programs a current that when multiplied
by an internal 10k resistor sets up the 0.6V reference ±
offset for margining. A 1.18V reference divided by the
RPGM resistor on the MPGM pin programs the current.
Calculate VOUT(MARGIN):
V
V
V
OUT MARGIN
OUT
OUT
()
%
=
100
where %VOUTisthepercentageofVOUTyouwanttomargin,
and VOUT(MARGIN) is the margin quantity in volts:
R
V
V
V
V
k
PGM
OUT
OUT MARGIN
=
06
118
10
.
.
()
where RPGM is the resistor value to place on the MPGM
pin to ground.
The output margining will be ± margining of the value.
This is controlled by the MARG0 and MARG1 pins. See
the truth table below:
MARG1
MARG0
MODE
LOW
LOW
NO MARGIN
LOW
HIGH
MARGIN UP
HIGH
LOW
MARGIN DOWN
HIGH
HIGH
NO MARGIN
Input Capacitors
LTM4601AHV module should be connected to a low AC
impedance DC source. Input capacitors are required to
be placed adjacent to the module. In Figure 18, the 10μF
ceramic input capacitors are selected for their ability to
handle the large RMS current into the converter. An input
bulk capacitor of 100μF is optional. This 100μF capacitor is
only needed if the input source impedance is compromised
by long inductive leads or traces.
APPLICATIONS INFORMATION


Similar Part No. - LTM4601AHVIV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
More results

Similar Description - LTM4601AHVIV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
   12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com