Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1760 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 1 Page - Linear Technology

  LTC1760 Datasheet HTML 1Page - Linear Technology LTC1760 Datasheet HTML 2Page - Linear Technology LTC1760 Datasheet HTML 3Page - Linear Technology LTC1760 Datasheet HTML 4Page - Linear Technology LTC1760 Datasheet HTML 5Page - Linear Technology LTC1760 Datasheet HTML 6Page - Linear Technology LTC1760 Datasheet HTML 7Page - Linear Technology LTC1760 Datasheet HTML 8Page - Linear Technology LTC1760 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LTC1760
1
1760f
SMBus Charger/Selector for Two Smart Batteries*
Voltage and Current Accuracy within 0.2% of Value
Reported by Battery
Simplifies Construction of “Smart Battery System
Manager”
Includes All SMBus Charger V1.1 Safety Features
Supports Autonomous Operation without a Host
Allows Both Batteries to Discharge Simultaneously
into Single Load with Low Loss (Ideal Diode)
SMBus Switching for Dual Batteries with Alarm
Monitoring for Charging Battery at All Times
Pin Programmable Limits for Maximum Charge
Current and Voltage Improve Safety
Fast Autonomous Power Path Switching (<10µs)
Low Loss Simultaneous Charging of Two Batteries
>95% Efficient Synchronous Buck Charger
AC Adapter Current Limiting* Maximizes Charge Rate
SMBus Accelerator Improves SMBus Timing**
Available in 48-Lead TSSOP Package
Dual Smart Battery
System Manager
The LTC
®1760 Smart Battery System Manager is a highly
integrated level 3 battery charger and selector intended for
products using dual smart batteries. Three SMBus inter-
faces allow the LTC1760 to servo to the internal voltage
and currents measured by the batteries while allowing an
SMBus Host to monitor either battery’s status. Charging
accuracy is determined by the battery’s internal voltage
and current measurement, typically better than ±0.2%.
A proprietary PowerPath
TM architecture supports simulta-
neous charging or discharging of both batteries. Typical
battery run times are extended by up to 10%, while
charging times are reduced by up to 50%. The LTC1760
automatically switches between power sources in less
than 10µs to prevent power interruption upon battery or
wall adapter removal.
The LTC1760 implements all elements of a version 1.1
“Smart Battery System Manager” except for the genera-
tion of composite battery information. An internal multi-
plexer cleanly switches the SMBus Host to either of the
two attached Smart Batteries without generating partial
messages to batteries or SMBus Host. Thermistors on
both batteries are automatically monitored for tempera-
ture and disconnection information (SafetySignal).
, LTC and LT are registered trademarks of Linear Technology Corporation.
Portable Computers and Instruments
Standalone Dual Smart Battery Chargers
Battery Backup Systems
TIME (MINUTES)
3500
3000
2500
2000
1500
1000
500
0
3500
3000
2500
2000
1500
1000
500
0
1760 TA03
0
50
100
150
200
250
300
BAT1
CURRENT
BAT2
CURRENT
SEQUENTIAL
DUAL
BAT1
CURRENT
100
MINUTES
BATTERY TYPE: 10.8V Li-Ion (MOLTECH NI2020)
REQUESTED CURRENT = 3A
REQUESTED VOLTAGE = 12.3V
MAX CHARGER CURRENT = 4.1A
BAT2
CURRENT
Dual Battery Charger/Selector System Architecture
Dual vs Sequential Charging
PowerPath is a trademark of Linear Technology Corporation.
Protected by U.S. Patents, including *5723970 **6650174
LTC1760
DC
IN
SYSTEM
POWER
SMBus (HOST)
1760 TA01
SafetySignal 1
SMBus 1
SafetySignal 2
SMBus 2
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1760

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC1760CFW LINER-LTC1760CFW Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_11 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
More results

Similar Description - LTC1760

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_11 Datasheet
371Kb / 48P
   Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
220Kb / 8P
   MAX1259 Battery Manager
19-4638; Rev 1; 4/94
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
   Battery Manager Chip
111999
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com