Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4600HVEV Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4600HVEV
Description  10A, 28VIN High Effi ciency DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600HVEV Datasheet(HTML) 5 Page - Linear Technology

  LTM4600HVEV Datasheet HTML 1Page - Linear Technology LTM4600HVEV Datasheet HTML 2Page - Linear Technology LTM4600HVEV Datasheet HTML 3Page - Linear Technology LTM4600HVEV Datasheet HTML 4Page - Linear Technology LTM4600HVEV Datasheet HTML 5Page - Linear Technology LTM4600HVEV Datasheet HTML 6Page - Linear Technology LTM4600HVEV Datasheet HTML 7Page - Linear Technology LTM4600HVEV Datasheet HTML 8Page - Linear Technology LTM4600HVEV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4600HV
5
4600hvfc
VIN (V)
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
515
4600HV G14
10
24
20
5V
3.3V
fADJ = OPEN
2.5V
1.8V
1.5V
1.2V
0.6V
SEE FREQUENCY ADJUSTMENT DISCUSSION
FOR 12VIN TO 5VOUT AND 5VIN TO 3.3VOUT
CONVERSION
TYPICAL PERFOR A CE CHARACTERISTICS
Start-Up, IOUT = 0A
Start-Up, IOUT = 10A
(Resistive Load)
Short-Circuit Protection,
IOUT = 0A
Short-Circuit Protection,
IOUT = 10A
200μs/DIV
4600hv G10
VIN = 12V
VOUT = 1.5V
COUT = 200μF
NO EXTERNAL SOFT-START CAPACITOR
VOUT
(0.5V/DIV)
IIN
(0.5A/DIV)
200μs/DIV
4600hv G11
VIN = 12V
VOUT = 1.5V
COUT = 200μF
NO EXTERNAL SOFT-START CAPACITOR
VOUT
(0.5V/DIV)
IIN
(0.5A/DIV)
20μs/DIV
4600hv G12
VIN = 12V
VOUT = 1.5V
COUT = 2× 200μF/X5R
NO EXTERNAL SOFT-START CAPACITOR
VOUT
(0.5V/DIV)
IIN
(0.2A/DIV)
20μs/DIV
4600hv G13
VIN = 12V
VOUT = 1.5V
COUT = 2× 200μF/X5R
NO EXTERNAL SOFT-START CAPACITOR
VOUT
(0.5V/DIV)
IIN
(0.5A/DIV)
VIN to VOUT Stepdown Ratio
(See Figure 21 for all curves)
VOSET vs Temperature
TEMPERATURE (
°C)
–55
0.590
0.595
0.600
0.605
0.610
–25
5
35
65
4600HV G15
95
125
VIN = 12V
VOUT = 1.5V
IOUT = 10A
400
μs/DIV
4600HV G16
Start-Up Waveform, TA = –55°C


Similar Part No. - LTM4600HVEV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600HV LINER-LTM4600HV Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4600HV LINER-LTM4600HV Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
LTM4600HVMP LINER-LTM4600HVMP Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4600HVMP LINER-LTM4600HVMP Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4600HVMPV LINER-LTM4600HVMPV Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM4600HVEV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4600HV LINER-LTM4600HV_15 Datasheet
452Kb / 26P
   10A, 28VIN High Efficiency DC/DC Module
LTM4606 LINER-LTM4606 Datasheet
345Kb / 24P
   Ultralow EMI 28VIN, 6A DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com