Electronic Components Datasheet Search |
|
LTM4601AHVMPV Datasheet(PDF) 1 Page - Linear Technology |
|
LTM4601AHVMPV Datasheet(HTML) 1 Page - Linear Technology |
1 / 28 page LTM4601AHV 1 4601ahvf LOAD CURRENT (A) 0 45 50 60 65 70 95 12VIN 12VIN 24VIN 24VIN 80 4 8 10 4601AHV TA01b 55 85 90 75 0 1 6 3 4 5 2 2 6 12 14 POWER LOSS EFFICIENCY TYPICAL APPLICATION APPLICATIONS FEATURES DESCRIPTION 12A, 28VIN DC/DC µModule with PLL, Output Tracking and Margining n Telecom, Industrial and Networking Equipment n Military and Avionics Systems n Complete Switch Mode Power Supply n Wide Input Voltage Range: 4.5V to 28V n 12A DC Typical, 14A Peak Output Current n 0.6V to 5V Output Voltage n Output Voltage Tracking and Margining n Redundant Mounting Pads for Enhanced Solder- Joint Strength n Parallel Multiple μModulesTM for Current Sharing n Differential Remote Sensing for Precision Regulation n PLL Frequency Synchronization n ±1.5% Total DC Error n Current Foldback Protection (Disabled at Start-Up) n Pb-Free (e4) RoHS Compliant Package with Gold Finish Pads n –55°C to 125°C Operating Temperature Range (LTM4601AHVMPV) n Ultrafast™ Transient Response n Up to 95% Efficiency at 5VIN, 3.3VOUT n Programmable Soft-Start n Output Overvoltage Protection n Enhanced (15mm × 15mm × 2.8mm) Surface Mount LGA Package 2.5V/12A Power Supply with 4.5V to 28V Input Efficiency and Power Loss vs Load Current The LTM®4601AHV is a complete 12A step-down switch mode DC/DC power supply with onboard switching controller, MOSFETs, inductor and all support compo- nents. The μModule is housed in a small surface mount 15mm × 15mm × 2.8mm LGA package. The LTM4601AHV LGA package is designed with redundant mounting pads to enhance solder-joint strength for extended temperature cycling endurance. Operating over an input voltage range of 4.5 to 28V, the LTM4601AHV supports an output volt- age range of 0.6V to 5V as well as output voltage tracking and margining. The high efficiency design delivers 12A continuous current (14A peak). Only bulk input and output capacitors are needed to complete the design. The low profile (2.8mm) and light weight (1.7g) pack- age easily mounts in unused space on the back side of PC boards for high density point of load regulation. The μModule can be synchronized with an external clock for reducing undesirable frequency harmonics and allows PolyPhase® operation for high load currents. An onboard differential remote sense amplifier can be used to accurately regulate an output voltage independent of load current. L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. PolyPhase is a registered trademark of Linear Technology Corporation. μModule and Ultrafast are trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents including 5481178, 5847554, 6580258, 6304066, 6476589, 6774611, 6677210. VOUT VFB MARG0 MARG1 VOUT_LCL DIFFVOUT VOSNS + VOSNS – PGOOD RUN COMP INTVCC DRVCC MPGM TRACK/SS PLLIN LTM4601AHV ON/OFF R1 392k RSET 19.1k MARGIN CONTROL COUT 4601AHV TA01a VOUT 2.5V 12A CLOCK SYNC TRACK/SS CONTROL 100pF CIN VIN fSET PGND SGND 5% MARGIN VIN 4.5V TO 28V |
Similar Part No. - LTM4601AHVMPV |
|
Similar Description - LTM4601AHVMPV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |