Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4603 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 2Page - Linear Technology LTM4603 Datasheet HTML 3Page - Linear Technology LTM4603 Datasheet HTML 4Page - Linear Technology LTM4603 Datasheet HTML 5Page - Linear Technology LTM4603 Datasheet HTML 6Page - Linear Technology LTM4603 Datasheet HTML 7Page - Linear Technology LTM4603 Datasheet HTML 8Page - Linear Technology LTM4603 Datasheet HTML 9Page - Linear Technology LTM4603 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4603/LTM4603-1
6
4603f
TYPICAL PERFOR A CE CHARACTERISTICS (See Figure 18 for all curves)
Start-Up, IOUT = 6A
(Resistive Load)
Start-Up, IOUT = 0A
VIN to VOUT Step-Down Ratio
VOUT
0.5V/DIV
IIN
0.5A/DIV
1ms/DIV
4603 G09
VIN = 12V
VOUT = 1.5V
COUT = 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP
SOFT-START = 3.9nF
VOUT
0.5V/DIV
IIN
0.5A/DIV
1ms/DIV
4603 G10
VIN = 12V
VOUT = 1.5V
COUT = 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP
SOFT-START = 3.9nF
VOUT
0.5V/DIV
IIN
2A/DIV
100
µs/DIV
4603 G11
VIN = 12V
VOUT = 1.5V
COUT = 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP
SOFT-START = 3.9nF
Short-Circuit Protection,
IOUT = 0A
Short-Circuit Protection,
IOUT = 6A
VOUT
0.5V/DIV
IIN
2A/DIV
100
µs/DIV
4603 G12
VIN = 12V
VOUT = 1.5V
COUT = 1x 22µF, 6.3V CERAMIC
1x 330
µF, 4V SANYO POSCAP
SOFT-START = 3.9nF
INPUT VOLTAGE (V)
0
3.0
4.0
5.5
5.0
16
4603 G13
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
4
2
8
6
12 14
18
10
20
3.3V OUTPUT WITH
82.5k FROM VOUT
TO fSET
5V OUTPUT WITH
150k RESISTOR
ADDED FROM fSET
TO GND
5V OUTPUT WITH
NO RESISTOR ADDED
FROM fSET TO GND
2.5V OUTPUT
1.8V OUTPUT
1.5V OUTPUT
1.2V OUTPUT


Similar Part No. - LTM4603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603 LINER-LTM4603 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4603 LINER-LTM4603 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM4603 LINER-LTM4603 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
LTM4603 LINER-LTM4603 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
More results

Similar Description - LTM4603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com