Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4603IV-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4603IV-PBF
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603IV-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTM4603IV-PBF Datasheet HTML 1Page - Linear Technology LTM4603IV-PBF Datasheet HTML 2Page - Linear Technology LTM4603IV-PBF Datasheet HTML 3Page - Linear Technology LTM4603IV-PBF Datasheet HTML 4Page - Linear Technology LTM4603IV-PBF Datasheet HTML 5Page - Linear Technology LTM4603IV-PBF Datasheet HTML 6Page - Linear Technology LTM4603IV-PBF Datasheet HTML 7Page - Linear Technology LTM4603IV-PBF Datasheet HTML 8Page - Linear Technology LTM4603IV-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4603/LTM4603-1
4
4603f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Control Stage
VFB
Error Amplifier Input Voltage
Accuracy
IOUT = 0A, VOUT = 1.5V
0.594
0.6
0.606
V
VRUN
RUN Pin On/Off Threshold
1
1.5
1.9
V
ISS/TRACK
Soft-Start Charging Current
VSS/TRACK = 0V
–1
–1.5
–2
µA
tON(MIN)
Minimum On Time
(Note 4)
50
100
ns
tOFF(MIN)
Minimum Off Time
(Note 4)
250
400
ns
RPLLIN
PLLIN Input Resistance
50
k
Ω
IDRVCC
Current into DRVCC Pin
VOUT = 1.5V, IOUT = 1A,
Frequency = 1MHz, DRVCC = 5V
18
25
mA
RFBHI
Resistor Between VOUT and VFB
60.098
60.4
60.702
k
Ω
VMPGM
Margin Reference Voltage
1.18
V
VMARG0, VMARG1
MARG0, MARG1 Voltage Thresholds
1.4
V
PGOOD Output
ΔVFBH
PGOOD Upper Threshold
VFB Rising
7
10
13
%
ΔVFBL
PGOOD Lower Threshold
VFB Falling
–7
–10
–13
%
ΔVFB(HYS)
PGOOD Hysteresis
VFB Returning
1.5
3
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.15
0.4
V
The
denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4603E/LTM4603-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls. The LTM4603E/LTM4603-1
are guaranteed and tested over the –40°C to 85°C temperature range.
Note 3: Remote sense amplifier recommended for ≤3.3V output.
Note 4: 100% tested at wafer level only.


Similar Part No. - LTM4603IV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603 LINER-LTM4603 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4603 LINER-LTM4603 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM4603 LINER-LTM4603 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
LTM4603 LINER-LTM4603 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
More results

Similar Description - LTM4603IV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
   20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
   12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
   12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com