Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4604 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4604 Datasheet HTML 3Page - Linear Technology LTM4604 Datasheet HTML 4Page - Linear Technology LTM4604 Datasheet HTML 5Page - Linear Technology LTM4604 Datasheet HTML 6Page - Linear Technology LTM4604 Datasheet HTML 7Page - Linear Technology LTM4604 Datasheet HTML 8Page - Linear Technology LTM4604 Datasheet HTML 9Page - Linear Technology LTM4604 Datasheet HTML 10Page - Linear Technology LTM4604 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM4604
7
4604f
BLOCK DIAGRAM
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 2.375V to 5.5V, VOUT = 1.5V)
IOUT = 4A
10
μF
COUT
External Output Capacitor Requirement
(VIN = 2.375V to 5.5V, VOUT = 1.5V)
IOUT = 4A
22
100
μF
TA = 25°C. Use Figure 1 Configuration.
DECOUPLING REQUIREMENTS
CONTROL,
DRIVE
CSS
1000pF
CSSEXT
5.76k
RFB
5.76k
4.99k
10
μF
6.3V
×2
C2
470pF
M1
PGOOD
RUN/SS
TRACK
TRACK
SUPPLY
COMP
L
M2
FB
SW
GND
4604 BD
VOUT
VIN
RSS
1M
R1
4.99k
0.5%
INTERNAL
COMP
10
μF
6.3V
22
μF
6.3V
×3
VOUT
1.5V
4A
VIN
2.375V TO 5.5V
10
μF
6.3V
Figure 1. Simplified LTM4604 Block Diagram


Similar Part No. - LTM4604

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4604A LINER-LTM4604A Datasheet
364Kb / 20P
   Low Voltage, 4A DC/DC 關Module with Tracking
LTM4604A LINER-LTM4604A Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4604A LINER-LTM4604A Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4604A LINER-LTM4604A Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4604A LINER-LTM4604A Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4604

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4604A LINER-LTM4604A Datasheet
364Kb / 20P
   Low Voltage, 4A DC/DC 關Module with Tracking
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4608 LINER-LTM4608 Datasheet
306Kb / 24P
   Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
   Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021 Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Rev 1; 8/12
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTM4618 LINER-LTM4618 Datasheet
344Kb / 24P
   6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com