Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4605IV-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4605IV-PBF
Description  High Effi ciency Buck-Boost DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4605IV-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4605IV-PBF Datasheet HTML 7Page - Linear Technology LTM4605IV-PBF Datasheet HTML 8Page - Linear Technology LTM4605IV-PBF Datasheet HTML 9Page - Linear Technology LTM4605IV-PBF Datasheet HTML 10Page - Linear Technology LTM4605IV-PBF Datasheet HTML 11Page - Linear Technology LTM4605IV-PBF Datasheet HTML 12Page - Linear Technology LTM4605IV-PBF Datasheet HTML 13Page - Linear Technology LTM4605IV-PBF Datasheet HTML 14Page - Linear Technology LTM4605IV-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4605
11
4605fa
APPLICATIONS INFORMATION
For a buck converter, the switching duty-cycle can be
estimated as:
D
V
V
OUT
IN
=
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
I
I
DD
CIN RMS
OUT MAX
()
()
•• (
)
=−
η
1
In the above equation,
η is the estimated efficiency of the
power module. CIN can be a switcher-rated electrolytic
aluminum capacitor, OS-CON capacitor or high volume
ceramic capacitors. Note the capacitor ripple current rat-
ings are often based on temperature and hours of life. This
makes it advisable to properly derate the input capacitor,
or choose a capacitor rated at a higher temperature than
required. Always contact the capacitor manufacturer for
derating requirements.
Output Capacitors
In boost mode, the discontinuous current shifts from the
input to the output, so the output capacitor COUT must be
capable of reducing the output voltage ripple.
For boost and buck modes, the steady ripple due to charg-
ing and discharging the bulk capacitance is given by:
V
IV
V
C
RIPPLE BOOST
OUT MAX
OUT
IN MIN
OUT
,
()
(
)
=
()
•••
Vf
OUT
V
VV
V
LC
V
RIPPLE BUCK
OUT
IN MAX
OUT
OUT
,
()
••
=
()
8
IIN MAX
f
()
2
The steady ripple due to the voltage drop across the ESR
(effective series resistance) is given by:
V
I
ESR
ESR BUCK
L MAX
,(
)
V
I
ESR
ESR BOOST
L MAX
,(
)
=
The LTM4605 is designed for low output voltage ripple.
The bulk output capacitors defined as COUT are chosen
with low enough ESR to meet the output voltage ripple
and transient requirements. COUT can be a low ESR tanta-
lum capacitor, a low ESR polymer capacitor or a ceramic
capacitor. Multiple capacitors can be placed in parallel to
meet the ESR and RMS current handling requirements. The
typical capacitance is 300μF. Additional output filtering may
be required by the system designer, if further reduction of
output ripple or dynamic transient spike is required. Table
3 shows a matrix of different output voltages and output
capacitors to minimize the voltage droop and overshoot
at a current transient.
Inductor Selection
The inductor is chiefly decided by the required ripple cur-
rent and the operating frequency. The inductor current
ripple
ΔIL is typically set to 20% to 40% of the maximum
inductor current. In the inductor design, the worst cases
in continuous mode are considered as follows:
L
VV
V
Vf I
BOOST
IN
OUT MAX
IN
OUT MAX
OUT
()
••
()
()
(M
MAX
Ripple
) •%
L
VV
V
Vf I
BUCK
OUT
IN MAX
OUT
IN MAX
OUT M
()
••
()
()
( A
AX
Ripple
) •%
where:
f is operating frequency, Hz
Ripple% is allowable inductor current ripple, %
VOUT(MAX) is maximum output voltage, V
VIN(MAX) is maximum input voltage, V
VOUT is output voltage, V
IOUT(MAX) is maximum output load current, A
The inductor should have low DC resistance to reduce the
I2R losses, and must be able to handle the peak inductor
current without saturation. To minimize radiated noise,
use a toroid, pot core or shielded bobbin inductor. Please
refer to Table 3 for the recommended inductors for dif-
ferent cases.


Similar Part No. - LTM4605IV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4605 LINER-LTM4605 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTM4605 LINER-LTM4605 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4605 LINER-LTM4605 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTM4605 LINER-LTM4605 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
LTM4605 LINER-LTM4605 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
More results

Similar Description - LTM4605IV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
   10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com