Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4608A Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4608A
Description  Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608A Datasheet(HTML) 1 Page - Linear Technology

  LTM4608A Datasheet HTML 1Page - Linear Technology LTM4608A Datasheet HTML 2Page - Linear Technology LTM4608A Datasheet HTML 3Page - Linear Technology LTM4608A Datasheet HTML 4Page - Linear Technology LTM4608A Datasheet HTML 5Page - Linear Technology LTM4608A Datasheet HTML 6Page - Linear Technology LTM4608A Datasheet HTML 7Page - Linear Technology LTM4608A Datasheet HTML 8Page - Linear Technology LTM4608A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4608A
1
4608afa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low VIN, 8A DC/DC
µModule with Tracking, Margining,
and Frequency Synchronization
The LTM
®4608A is a complete 8A switch mode DC/DC
power supply with ±1.75% total output voltage error. In-
cluded in the package are the switching controller, power
FETs, inductor and all support components. Operating over
an input voltage range of 2.7V to 5.5V, the LTM4608A sup-
ports an output voltage range of 0.6V to 5V, set by a single
external resistor. This high efficiency design delivers up
to 8A continuous current (10A peak). Only bulk input and
output capacitors are needed to complete the design.
The low profile package (2.8mm) enables utilization of
unused space on the back side of PC boards for high
density point-of-load regulation. The 0.630mm LGA pads
with 1.27mm pitch simplify PCB layout by providing stan-
dard trace routing and via placement. The high switching
frequency and current mode architecture enable a very
fast transient response to line and load changes without
sacrificing stability. The device supports frequency syn-
chronization, programmable multiphase and/or spread
spectrum operation, output voltage tracking for supply
rail sequencing and voltage margining.
Fault protection features include overvoltage protection,
overcurrent protection and thermal shutdown. The power
module is offered in a compact and thermally enhanced
15mm × 9mm × 2.8mm surface mount LGA package. The
LTM4608A is Pb-free and RoHS compliant.
3V to 5.5V Input to 1.8V Output DC/DC μModule™
Complete Standalone Power Supply
±1.75% Total DC Output Error (–55°C to 125°C)
2.7V to 5.5V Input Voltage Range
8A DC, 10A Peak Output Current
0.6V Up to 5V Output
Output Voltage Tracking and Margining
Power Good Tracks Margining
Multiphase Operation
Parallel Current Sharing
Onboard Frequency Synchronization
Spread Spectrum Frequency Modulation
Overcurrent/Thermal Shutdown Protection
Current Mode Control/Fast Transient Response
Selectable Burst Mode® Operation
Up to 95% Efficiency
Output Overvoltage Protection
Small, Low Profile 9mm × 15mm × 2.8mm
LGA Package (0.630mm Pads)
Telecom, Networking and Industrial Equipment
Storage Systems
Point of Load Regulation
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. μModule is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S.
Patents, including 5481178, 6580258, 6304066, 6127815, 6498466, 6611131.
VIN
SVIN
SW
RUN
PLLLPF
TRACK
VOUT
FB
ITH
ITHM
PGOOD
MGN
CLKOUT GND
CLKIN
CLKIN
4.87k
4608A TA01a
100μF
10μF
PGOOD
VOUT
VOUT
1.8V
VIN
3V TO 5.5V
LTM4608A
SGND
Efficiency vs Load Current
LOAD CURRENT (A)
0
70
75
80
85
90
95
100
246
8
4608A TA01b
10
VOUT = 1.8V
VIN = 5V
VIN = 3.3V


Similar Part No. - LTM4608A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4608A LINER-LTM4608A Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4608A LINER-LTM4608A Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4608A LINER-LTM4608A Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM4608A LINER-LTM4608A Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4608A LINER-LTM4608A Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM4608A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4608 LINER-LTM4608 Datasheet
306Kb / 24P
   Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A_1 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608 LINER-LTM4608_1 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A_15 Datasheet
393Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4618 LINER-LTM4618 Datasheet
344Kb / 24P
   6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
LTM4618 LINER-LTM4618_15 Datasheet
339Kb / 24P
   6A DC/DC Module Regulator with Tracking and Frequency Synchronization
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
   6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
   12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com