Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4608EV-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4608EV-PBF
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608EV-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4608EV-PBF Datasheet HTML 2Page - Linear Technology LTM4608EV-PBF Datasheet HTML 3Page - Linear Technology LTM4608EV-PBF Datasheet HTML 4Page - Linear Technology LTM4608EV-PBF Datasheet HTML 5Page - Linear Technology LTM4608EV-PBF Datasheet HTML 6Page - Linear Technology LTM4608EV-PBF Datasheet HTML 7Page - Linear Technology LTM4608EV-PBF Datasheet HTML 8Page - Linear Technology LTM4608EV-PBF Datasheet HTML 9Page - Linear Technology LTM4608EV-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4608
6
4608f
TEMPERATURE (°C)
–50
592
594
596
25
75
4608 G14
590
–25
0
50
598
600
602
100
VIN = 5.5V
VIN = 3.3V
VIN = 2.375V
Load Transient Response
Start-Up
VFB vs Temperature
Load Regulation vs Current
2.5V Output Current
Short-Circuit Protection
(2.5V Short, No Load)
Load Transient Response
Load Transient Response
VOUT
0.5V/DIV
VIN
2V/DIV
50μs/DIV
VIN = 5V
VOUT = 1.5V
COUT = 100μF NO LOAD AND 8A LOAD
(DEFAULT 100μs SOFT-START)
4608 G13
LOAD CURRENT (A)
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
24
5
–0.3
0.3
0.4
0.1
1
3
678
4608 G15
FC MODE
VIN = 3.3V
VOUT = 1.8V
Short-Circuit Protection
(2.5V Short, 4A Load)
OUTPUT CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
510
15
20
4608 G16
2V/DIV
2V/DIV
5A/DIV
50μs/DIV
4608 G17
VOUT
VIN
IOUT
VIN = 5V
VOUT = 2.5V
5V/DIV
5V/DIV
5A/DIV
5A/DIV
50μs/DIV
4608 G18
VOUT
VIN
IOUT SHORT
IOUT LOAD
VIN = 5V
VOUT = 2.5V
TYPICAL PERFORMANCE CHARACTERISTICS per Figure 18 Typcial Application
2A/DIV
20mV/DIV
20μs/DIV
VIN = 5V
VOUT = 1.8V
2.5A/μs STEP
COUT = 100μF X5R
C1 = NONE, C3 = NONE FROM FIGURE 18
4608 G10
2A/DIV
20mV/DIV
20μs/DIV
VIN = 5V
VOUT = 1.5V
2.5A/μs STEP
COUT = 100μF X5R
C1 = NONE, C3 = NONE FROM FIGURE 18
4608 G11
2A/DIV
20mV/DIV
20μs/DIV
VIN = 5V
VOUT = 1.2V
2.5A/μs STEP
COUT = 2 × 100μF
C1 = 100pF, C3 = NONE FROM FIGURE 18
4608 G12


Similar Part No. - LTM4608EV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4608 LINER-LTM4608 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
   Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4608A LINER-LTM4608A Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4608A LINER-LTM4608A Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM4608EV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
   Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A_1 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608 LINER-LTM4608_1 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A_15 Datasheet
393Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4604 LINER-LTM4604 Datasheet
303Kb / 20P
   Low Voltage, 4A DC/DC 關ModuleTM with Tracking
LTM4618 LINER-LTM4618 Datasheet
344Kb / 24P
   6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
LTM4618 LINER-LTM4618_15 Datasheet
339Kb / 24P
   6A DC/DC Module Regulator with Tracking and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com